Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC190 Datasheet (PDF) - STMicroelectronics

M54HC190 Datasheet PDF - STMicroelectronics
Part # M54HC190
Download  M54HC190 Download
File Size   299.44 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 BIT SYNCHRONOUS UP/DOWN COUNTERS

M54HC190 Datasheet (PDF)

Go To PDF Page Download Datasheet
M54HC190 Datasheet PDF - STMicroelectronics

Part # M54HC190
Download  M54HC190 Click to download

File Size   299.44 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 BIT SYNCHRONOUS UP/DOWN COUNTERS

M54HC190 Datasheet (HTML) - STMicroelectronics


M54HC190 Product details

DESCRIPTION
The M54/74HC190/191 are high speed CMOS4-BIT SYNCHRONOUS UP/DOWN COUNTERS fabricated in silicon gate C2MOS technology.
   
■ HIGH SPEED
    fMAX = 48 MHz (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION
    ICC = 4 µA (MAX.) AT TA = 25 °C
■ HIGH NOISE IMMUNITY
    VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY
    10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
    |IOH| = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
    tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
    VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE
    WITH 54/74LS190/191
   




Similar Part No. - M54HC190

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC191 STMICROELECTRONICS-M54HC191 Datasheet
390Kb / 13P
RAD-HARD 4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Mar-2004
M54HC191 STMICROELECTRONICS-M54HC191 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC191D STMICROELECTRONICS-M54HC191D Datasheet
390Kb / 13P
RAD-HARD 4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Mar-2004
M54HC191D STMICROELECTRONICS-M54HC191D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC191D1 STMICROELECTRONICS-M54HC191D1 Datasheet
390Kb / 13P
RAD-HARD 4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Mar-2004
More results


Similar Description - M54HC190

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS169B TI-SN54ALS169B Datasheet
148Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI-SN54ALS191A Datasheet
133Kb / 8P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
SN54ALS169B TI-SN54ALS169B_07 Datasheet
686Kb / 19P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B_99 Datasheet
421Kb / 12P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
STMicroelectronics
M74HC190 STMICROELECTRONICS-M74HC190_01 Datasheet
555Kb / 14P
4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Aug-2001
M74HC191 STMICROELECTRONICS-M74HC191_01 Datasheet
566Kb / 14P
4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Aug-2001
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54ALS191A TI1-SN54ALS191A_15 Datasheet
625Kb / 18P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54192 TI1-SN54192_15 Datasheet
1Mb / 27P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com