Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MV20556 Datasheet (PDF) - Mosel Vitelic, Corp

MV20556 Datasheet PDF - Mosel Vitelic, Corp
Part # MV20556
Download  MV20556 Download
File Size   106.61 Kbytes
Page   30 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 8 - Bit MCU Mouse Controller

MV20556 Datasheet (PDF)

Go To PDF Page Download Datasheet
MV20556 Datasheet PDF - Mosel Vitelic, Corp

Part # MV20556
Download  MV20556 Click to download

File Size   106.61 Kbytes
Page   30 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 8 - Bit MCU Mouse Controller

MV20556 Datasheet (HTML) - Mosel Vitelic, Corp


MV20556 Product details

Description
The MVI MV20556 is an 8 - bit single chip microcontroller. It provides hardware features and powerful instruction set that are necessary to make it a versatile and cost effective controller for mouse applications which needs up to 4K byte internal memory either for program or for data and mixed.
A serial input / output port is provided for I/O expansion, Inter - processor communications, full duplex UART.

Features
■ General 8051 instruction family compatible
■ Operate at voltage 5.0V.
■ No External Memory is supported
■ 8 bit bus I/O ports
■ 4 K byte ROM
■ 128 byte RAM
■ 128 byte depth stack
■ Two 16 bit Timers (Event Counters)
■ 15 programmable I/O pins
■ Five interrupt sources
■ Programmable serial UART channel
■ Direct LED drive output
■ Bit operation instructions
■ Page free jumps
■ 8 - bit Unsigned Division
■ 8 - bit Unsigned Multiply
■ BCD arithmatic
■ Direct Addressing
■ Indirect Addressing
■ Nested Interrupt
■ Two priority level interrupt
■ A full duplex serial I/O port
■ Working at 16/25/40 MHz Clock
■ Full static operation: 3 MHz through 16 MHz




Similar Part No. - MV20556

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MV2000 ZARLINK-MV2000 Datasheet
422Kb / 5P
REMOTE KEYBOARD TRANSMITTER
logo
Advanced Energy Industr...
MV2000 ADVANCEDENERGY-MV2000 Datasheet
309Kb / 6P
MEDIUM-VOLTAGE HIGH CURRENT POWER SUPPLIES
logo
Microsemi Corporation
MV20001 MICROSEMI-MV20001 Datasheet
154Kb / 2P
GaAs Varactor Diodes Abrupt Junction
MV20002 MICROSEMI-MV20002 Datasheet
154Kb / 2P
GaAs Varactor Diodes Abrupt Junction
MV20003 MICROSEMI-MV20003 Datasheet
154Kb / 2P
GaAs Varactor Diodes Abrupt Junction
More results


Similar Description - MV20556

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M99E HOLTEK-HT82M99E Datasheet
281Kb / 45P
USB Mouse Encoder 8-Bit OTP MCU
November 19, 2004
HT82M99EE HOLTEK-HT82M99EE Datasheet
367Kb / 47P
USB Mouse Encoder 8-Bit MCU
February 8, 2006
HT82M9AEE HOLTEK-HT82M9AEE Datasheet
315Kb / 48P
USB Mouse Encoder 8-Bit MCU with EEPROM
August 13, 2007
HT82M9BEE HOLTEK-HT82M9BEE Datasheet
323Kb / 47P
USB Mouse Encoder 8-Bit MCU with EEPROM
August 13, 2007
HT82K74E HOLTEK-HT82K74E Datasheet
348Kb / 56P
27MHz Keyboard/ Mouse TX 8-Bit MCU
December 15, 2009
HT82M9AE HOLTEK-HT82M9AE_09 Datasheet
291Kb / 46P
USB Mouse Encoder 8-Bit MCU
October 21, 2009
HT82M99E HOLTEK-HT82M99E_11 Datasheet
300Kb / 50P
USB Mouse Encoder 8-Bit MCU
HT82M99EE HOLTEK-HT82M99EE_08 Datasheet
326Kb / 44P
USB Mouse Encoder 8-Bit MCU
HT82M9BE HOLTEK-HT82M9BE_08 Datasheet
294Kb / 44P
USB Mouse Encoder 8-Bit MCU
December 22, 2008
HT82M9BEE HOLTEK-HT82M9BEE_08 Datasheet
305Kb / 44P
USB Mouse Encoder 8-Bit MCU with EEPROM
December 22, 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com