Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8012 Datasheet (PDF) - Infinite Electronics International, Inc.

SC8012 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC8012
Download  SC8012 Download
File Size   505.33 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Female PCB Connector .042 inch End Launch Solder Attachment

SC8012 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC8012 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC8012
Download  SC8012 Click to download

File Size   505.33 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Female PCB Connector .042 inch End Launch Solder Attachment

SC8012 Datasheet (HTML) - Infinite Electronics International, Inc.


SC8012 Product details

Features
• Operating Frequency
• of 18 GHz Max.
• Excellent VSWR of 1.23:1
• Gold Plated Beryllium
• Copper Contact
• 50 µin minimum contact plating
• Applications:
• General Purpose Test
• PCB Applications




Similar Part No. - SC8012

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC801 SEMTECH-SC801 Datasheet
360Kb / 17P
Fully Integrated High Currnet Lithium-Ion Battery Charger System
logo
SHENZHEN FUMAN ELECTRON...
SC8011 FUMAN-SC8011 Datasheet
177Kb / 3P
Electronic cigarette IC
SC8011A FUMAN-SC8011A Datasheet
177Kb / 3P
Electronic cigarette IC
SC8011B FUMAN-SC8011B Datasheet
177Kb / 3P
Electronic cigarette IC
SC8011C FUMAN-SC8011C Datasheet
177Kb / 3P
Electronic cigarette IC
More results


Similar Description - SC8012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44205 PASTERNACK-PE44205 Datasheet
268Kb / 2P
SMA Female Connector Solder Attachment 0.047 inch End Launch PCB, .030 inch Diameter
PE4874 PASTERNACK-PE4874 Datasheet
238Kb / 2P
RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB
PE44204 PASTERNACK-PE44204 Datasheet
223Kb / 3P
SMA Female Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44206 PASTERNACK-PE44206 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.031 inch End Launch PCB
PE44235 PASTERNACK-PE44235 Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment End Launch PCB, .030 inch Diameter
PE4542 PASTERNACK-PE4542 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44201 PASTERNACK-PE44201 Datasheet
222Kb / 3P
RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44614 PASTERNACK-PE44614 Datasheet
234Kb / 2P
SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
PE44207 PASTERNACK-PE44207 Datasheet
388Kb / 4P
SMA Female Connector Solder Attachment .042 inch End Launch PCB, .020 inch x .010 inch Contact
PE45405 PASTERNACK-PE45405 Datasheet
461Kb / 3P
SSMA Female Bulkhead Mount Connector Solder Attachment .042 inch End Launch PCB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com