Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3013 Datasheet (PDF) - Infinite Electronics International, Inc.

SC3013 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC3013
Download  SC3013 Download
File Size   34.61 Kbytes
Page   1 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM 0.287" (7.3)

SC3013 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC3013 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC3013
Download  SC3013 Click to download

File Size   34.61 Kbytes
Page   1 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM 0.287" (7.3)

SC3013 Datasheet (HTML) - Infinite Electronics International, Inc.




Similar Part No. - SC3013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Silan Microelectronics ...
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
logo
TE Connectivity Ltd
SC30101KT TEC-SC30101KT Datasheet
131Kb / 5P
Axial Leaded Power Inductors
logo
List of Unclassifed Man...
SC3010S ETC-SC3010S Datasheet
235Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Silan Microelectronics ...
SC3010S SILAN-SC3010S Datasheet
330Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
More results


Similar Description - SC3013

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC508LP5 HITTITE-HMC508LP5 Datasheet
355Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 7.3 - 8.2 GHz
logo
Power Integrations, Inc...
DER-110 POWERINT-DER-110 Datasheet
624Kb / 23P
7.3 W Dual Output Non-Isolated Power Supply using TNY266P
logo
Hittite Microwave Corpo...
HMC508LP5 HITTITE-HMC508LP5_11 Datasheet
435Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 7.3 - 8.2 GHz
logo
Molex Electronics Ltd.
35150-0390 MOLEX2-35150-0390 Datasheet
33Kb / 1P
7.3 PITCH W/W CONN T.P.A 3P
35150-030 MOLEX8-35150-030 Datasheet
58Kb / 1P
7.3 PITCH W/W CONN MALE HSG-3P
logo
CUI INC
K3815 CUI-K3815 Datasheet
34Kb / 1P
9615SW Allen Blvd
logo
Renesas Technology Corp
SLG59M1568V RENESAS-SLG59M1568V Datasheet
455Kb / 11P
7.3 mW, 9 A GreenFET Load Switch with Discharge
February 7, 2022
logo
Transko Electronics, In...
TMPIC07030F TRANSKO-TMPIC07030F Datasheet
625Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 3.0mm)
Rev 2: 04-15-2019
TPI07030F TRANSKO-TPI07030F Datasheet
549Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 3.0mm)
Rev 1: 02-14-2018
TPI07050F TRANSKO-TPI07050F Datasheet
779Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 5.0mm)
Rev 1: 01-31-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com