Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8006 Datasheet (PDF) - Infinite Electronics International, Inc.

SC8006 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC8006
Download  SC8006 Download
File Size   499.73 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Female PCB Connector .062 inch End Launch Solder Attachment

SC8006 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC8006 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC8006
Download  SC8006 Click to download

File Size   499.73 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Female PCB Connector .062 inch End Launch Solder Attachment

SC8006 Datasheet (HTML) - Infinite Electronics International, Inc.


SC8006 Product details

Features
• Operating Frequency
• of 18 GHz Max.
• Excellent VSWR of 1.23:1
• Gold Plated Beryllium
• Copper Contact
• 50 µin minimum contact plating
• Applications:
• General Purpose Test
• PCB Applications




Similar Part No. - SC8006

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
SC800 SWITCH-SC800 Datasheet
225Kb / 1P
600, 700, 702, 800 & 900 Series Overview
logo
ZKTECO CO., LTD. All ri...
SC800 ZKTECO-SC800 Datasheet
687Kb / 2P
Design With Simplicity Multi-Tech Card Access Control Terminal
V1.4 12/28/2023
logo
celduc-relais
SC800010 CELDUC-SC800010 Datasheet
107Kb / 2P
Power Solid State Relay
logo
SHENZHEN FUMAN ELECTRON...
SC8002B FUMAN-SC8002B Datasheet
471Kb / 6P
3W audio power amplifier IC
logo
Infinite Electronics In...
SC8005 FAIRVIEW-SC8005 Datasheet
441Kb / 3P
SMA Female PCB Connector .062 inch End Launch Solder Attachment
REV 2.1
More results


Similar Description - SC8006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44205 PASTERNACK-PE44205 Datasheet
268Kb / 2P
SMA Female Connector Solder Attachment 0.047 inch End Launch PCB, .030 inch Diameter
PE4874 PASTERNACK-PE4874 Datasheet
238Kb / 2P
RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB
PE44204 PASTERNACK-PE44204 Datasheet
223Kb / 3P
SMA Female Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44206 PASTERNACK-PE44206 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.031 inch End Launch PCB
PE44235 PASTERNACK-PE44235 Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment End Launch PCB, .030 inch Diameter
PE4542 PASTERNACK-PE4542 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44201 PASTERNACK-PE44201 Datasheet
222Kb / 3P
RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44614 PASTERNACK-PE44614 Datasheet
234Kb / 2P
SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
PE44943 PASTERNACK-PE44943 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment .062 inch End Launch PCB
PE45406 PASTERNACK-PE45406 Datasheet
462Kb / 3P
SSMA Female Bulkhead Mount Connector Solder Attachment .062 inch End Launch PCB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com