Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8438 Datasheet (PDF) - Infinite Electronics International, Inc.

SC8438 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC8438
Download  SC8438 Download
File Size   635.74 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Female (Jack) Bulkhead PCB Connector .052 inch End Launch, Solder, Gold Plated Brass Body, Length 0.645 In

SC8438 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC8438 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC8438
Download  SC8438 Click to download

File Size   635.74 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Female (Jack) Bulkhead PCB Connector .052 inch End Launch, Solder, Gold Plated Brass Body, Length 0.645 In

SC8438 Datasheet (HTML) - Infinite Electronics International, Inc.


SC8438 Product details

Features
• Operating Frequency
• of 18 GHz Max.
• Excellent VSWR of 1.23:1
• Gold Plated Beryllium
• Copper Contact
• 50 µin minimum contact plating
• Applications:
• General Purpose Test
• Rack and Panel Mount
• Applications
• PCB Applications




Similar Part No. - SC8438

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC8433 FAIRVIEW-SC8433 Datasheet
30Kb / 1P
.040" TYP FAIRVIEW MICROWAVE INC. SMA BULKHEAD EDGE LAUNCH .062" .312" ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
SC8435 FAIRVIEW-SC8435 Datasheet
502Kb / 3P
SMA Female Bulkhead PCB Connector .062 inch End Launch Solder Attachment
REV 2.1
More results


Similar Description - SC8438

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4874 PASTERNACK-PE4874 Datasheet
238Kb / 2P
RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB
PE44206 PASTERNACK-PE44206 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.031 inch End Launch PCB
PE44211 PASTERNACK-PE44211 Datasheet
217Kb / 2P
SMA Female Bulkhead Connector Solder Attachment 0.042 inch End Launch PCB, .250 inch Diameter, .030 inch Diameter
PE44235 PASTERNACK-PE44235 Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment End Launch PCB, .030 inch Diameter
logo
Amphenol Corporation
132270-66307 AMPHENOL-132270-66307 Datasheet
44Kb / 2P
SMA BULKHEAD RECEPTACLE JACK END LAUNCH
132289-80094 AMPHENOL-132289-80094 Datasheet
92Kb / 2P
SMA END LAUNCH BULKHEAD JACK
logo
Pasternack Enterprises,...
PE44212 PASTERNACK-PE44212 Datasheet
227Kb / 3P
SMA Female Bulkhead Connector Solder Attachment 0.062 inch End Launch PCB, .250 inch Diameter, .030 inch Diameter
PE44614 PASTERNACK-PE44614 Datasheet
234Kb / 2P
SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
PE44848 PASTERNACK-PE44848 Datasheet
235Kb / 2P
SMC Female Bulkhead Connector Solder Attachment 0.062 inch End Launch PCB
PE45406 PASTERNACK-PE45406 Datasheet
462Kb / 3P
SSMA Female Bulkhead Mount Connector Solder Attachment .062 inch End Launch PCB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com