Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBA100N04DANS-4UB02 Datasheet (PDF) - Renesas Technology Corp

RBA100N04DANS-4UB02 Datasheet PDF - Renesas Technology Corp
Part # RBA100N04DANS-4UB02
Download  RBA100N04DANS-4UB02 Download
File Size   357.4 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-Channel Power MOSFET 40V - 100A - 2.0mΩ

RBA100N04DANS-4UB02 Datasheet (PDF)

Go To PDF Page Download Datasheet
RBA100N04DANS-4UB02 Datasheet PDF - Renesas Technology Corp

Part # RBA100N04DANS-4UB02
Download  RBA100N04DANS-4UB02 Click to download

File Size   357.4 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-Channel Power MOSFET 40V - 100A - 2.0mΩ

RBA100N04DANS-4UB02 Datasheet (HTML) - Renesas Technology Corp


RBA100N04DANS-4UB02 Product details

• Standard-level gate drive voltage: VGS(th) = 2.0~4.0V
• Super low on-state resistance: RDS(on) = 2.0m Max.
• Low input capacitance
• Low thermal resistance
• 100% Avalanche tested
• AEC-Q101 qualified
• Production Part Approval Process (PPAP) capable
• Pb-free lead plating: RoHS compliant
• MSL1 classified according to IPC/JEDEC J-STD-020




Similar Part No. - RBA100N04DANS-4UB02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RBA100N04DANS-4UB02 RENESAS-RBA100N04DANS-4UB02 Datasheet
447Kb / 9P
40V - 100A - 2.0mΩ
Jun.27.2025
More results


Similar Description - RBA100N04DANS-4UB02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB100NF04L STMICROELECTRONICS-STB100NF04L Datasheet
338Kb / 9P
N-CHANNEL 40V - 0.0036 W - 100A D2PAK STripFET™ II POWER MOSFET
Feb-2002
STP100NF04L STMICROELECTRONICS-STP100NF04L Datasheet
268Kb / 8P
N-CHANNEL 40V - 0.0036 ohm - 100A TO-220 STripFET™ II POWER MOSFET
Feb-2002
logo
Unisonic Technologies
UT100N03 UTC-UT100N03 Datasheet
275Kb / 5P
100A, 30V N-CHANNEL POWER MOSFET
UT100N03-Q UTC-UT100N03-Q Datasheet
275Kb / 5P
100A, 30V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDU04N010 MGCHIP-MDU04N010 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 40V, 100A, 1.0m(ohm)
MDU1721 MGCHIP-MDU1721 Datasheet
983Kb / 6P
Single N-channel Trench MOSFET 40V, 100A, 1.4m(ohm)
MDU1722 MGCHIP-MDU1722 Datasheet
981Kb / 6P
Single N-channel Trench MOSFET 40V, 100A, 2.2m(ohm)
logo
Rohm
RS6G100BG ROHM-RS6G100BG Datasheet
2Mb / 13P
Nch 40V 100A Power MOSFET
20220715 - Rev.002
logo
First Silicon Co., Ltd
S-LN7404DT3WG FS-S-LN7404DT3WG Datasheet
556Kb / 6P
40V N Channel Power MOSFET
2017. 05. 10 Revision No : 0
logo
ON Semiconductor
FDD9407-F085 ONSEMI-FDD9407-F085 Datasheet
506Kb / 7P
Channel Power Trench® MOSFET 40V 100A, 2.0mΩ
September-2017, Rev. 3
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com