Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT-AHC.12 Datasheet (PDF) - ABB

CT-AHC.12 Datasheet PDF - ABB
Part # CT-AHC.12
Download  CT-AHC.12 Download
File Size   89.21 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description CT-AHC.12 Time relay, OFF-delay 1c/o, 24- 48VDC/24-240VAC

CT-AHC.12 Datasheet (PDF)

Go To PDF Page Download Datasheet
CT-AHC.12 Datasheet PDF - ABB

Part # CT-AHC.12
Download  CT-AHC.12 Click to download

File Size   89.21 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description CT-AHC.12 Time relay, OFF-delay 1c/o, 24- 48VDC/24-240VAC

CT-AHC.12 Datasheet (HTML) - ABB


CT-AHC.12 Product details

Extended Product Type CT-AHC.12
Product ID 1SVR508110R0000
EAN 4013614534294
Catalog Description CT-AHC.12 Time relay, OFF-delay 1c/o, 24-48VDC/24-240VAC
Long Description CT-AHC.12 Time relay, OFF-delay 1c/o, 24-48VDC/24-240VAC
General Information




Similar Part No. - CT-AHC.12

ManufacturerPart #DatasheetDescription
logo
ABB
CT-AHC.22 ABB-CT-AHC.22 Datasheet
89Kb / 3P
CT-AHC.22 Time relay, OFF-delay 2c/o, 24- 48VDC/24-240VAC
More results


Similar Description - CT-AHC.12

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC910LC4B HITTITE-HMC910LC4B Datasheet
737Kb / 10P
BROADBAND ANALOG TIME DELAY, DC - 24 GHz
logo
Tyco Electronics
2-1393138-0 MACOM-2-1393138-0 Datasheet
51Kb / 2P
Compact Time Delay Relay
2-1393138-8 MACOM-2-1393138-8 Datasheet
51Kb / 2P
Compact Time Delay Relay
2-1437463-1 MACOM-2-1437463-1 Datasheet
156Kb / 1P
Specification Grade Discrete Plug-in True Off-Delay Time Delay Relay
logo
Panasonic Semiconductor
TS2-I-24V-800S PANASONIC-TS2-I-24V-800S Datasheet
161Kb / 1P
TS-RELAYS NEW PCB TIME DELAY RELAY TIME-ON OR TIME-OFF DELAY OR PULSE RELAY
logo
Analog Devices
HMC911 AD-HMC911 Datasheet
1Mb / 13P
Broadband Analog Time Delay to 24 GHz
10/2016-Rev. v02.0614 to Rev. B
logo
Schneider Electric
RE7ML11BU SCHNEIDER-RE7ML11BU Datasheet
360Kb / 19P
time delay relay 6 functions - 0.05..1 s - 24 V AC DC - 1OC
Mar 4, 2021
9050JCK2F30V14 SCHNEIDER-9050JCK2F30V14 Datasheet
122Kb / 2P
Timing Relay, Type JCK, plug In, off delay, fixed time, 30 seconds, 10A, 240 VAC, 24 VAC/DC
Aug 27, 2021
9050JCK2F60V14 SCHNEIDER-9050JCK2F60V14 Datasheet
124Kb / 2P
Timing Relay, Type JCK, plug In, off delay, fixed time, 60 seconds, 10A, 240 VAC, 24 VAC/DC
Aug 27, 2021
RE7MY13BU SCHNEIDER-RE7MY13BU Datasheet
388Kb / 12P
time delay relay 8 functions - 0.05..1 s - 24 V AC DC - 2OC
Sep 14, 2021
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com