Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5325 Datasheet (PDF) - Micrel Semiconductor

MIC5325 Datasheet PDF - Micrel Semiconductor
Part # MIC5325
Download  MIC5325 Download
File Size   293.32 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ

MIC5325 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5325 Datasheet PDF - Micrel Semiconductor

Part # MIC5325
Download  MIC5325 Click to download

File Size   293.32 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ

MIC5325 Datasheet (HTML) - Micrel Semiconductor


MIC5325 Product details

General Description
The MIC5325 is a high-performance, µCap, low-dropout regulator, offering ultra-low operating current while maintaining very fast transient response. The MIC5325 can source up to 400mA of output current and allows a low input supply voltage source to increase system efficiency.

Features
• Wide-input voltage range: 1.7V to 5.5V
• Stable with 1µF ceramic output capacitor
• Ultra-low-dropout voltage ULDO™ 110mV @ 400mA
• ±2% voltage accuracy over temperature
• Bias supply voltage range: 2.5V to 5.5V
• Ultra-low ground current 35µA typical
• 400mA maximum output current per LDO
• Very fast transient response
• Thermal-shutdown and current-limit protection
• Tiny 6-pin 2mm x 2mm Thin MLF® package

Applications
• Low-power handheld devices
• Portable electronics
• GPS receivers
• Post regulator




Similar Part No. - MIC5325

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5325 MICREL-MIC5325 Datasheet
407Kb / 11P
Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
MIC5325-1.2YMT MICREL-MIC5325-1.2YMT Datasheet
375Kb / 11P
Low VIN/VOUT 400mA ULDO with Ultra-Low IQ
MIC5325-1.2YMT MICREL-MIC5325-1.2YMT Datasheet
407Kb / 11P
Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
MIC5325-1.5YMT MICREL-MIC5325-1.5YMT Datasheet
375Kb / 11P
Low VIN/VOUT 400mA ULDO with Ultra-Low IQ
MIC5325-1.5YMT MICREL-MIC5325-1.5YMT Datasheet
407Kb / 11P
Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
More results


Similar Description - MIC5325

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5309 MICREL-MIC5309 Datasheet
353Kb / 11P
Low VIN/VOUT 300mA High PSRR ULDO??with Ultra-Low IQ
MIC5308 MICREL-MIC5308 Datasheet
381Kb / 11P
Low VIN/VOUT 150mA High PSRR ULDO with Ultra-Low IQ
MIC5308 MICREL-MIC5308_08 Datasheet
382Kb / 11P
Low VIN/VOUT 150mA High PSRR ULDO with Ultra-Low IQ
MIC5309 MICREL-MIC5309_08 Datasheet
355Kb / 11P
Low VIN/VOUT 300mA High PSRR ULDO with Ultra-Low IQ
MIC5325 MICREL-MIC5325_10 Datasheet
375Kb / 11P
Low VIN/VOUT 400mA ULDO with Ultra-Low IQ
MIC5325 MICREL-MIC5325_11 Datasheet
407Kb / 11P
Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
logo
Texas Instruments
TPS7A10 TI1-TPS7A10 Datasheet
1Mb / 29P
300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10 TI1-TPS7A10_18 Datasheet
2Mb / 34P
300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10_1808 TI1-TPS7A10_1808 Datasheet
2Mb / 35P
300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A11 TI1-TPS7A11_18 Datasheet
3Mb / 40P
500-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com