Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7047F Datasheet (PDF) - Renesas Technology Corp

SH7047F Datasheet PDF - Renesas Technology Corp
Part # SH7047F
Download  SH7047F Download
File Size   407.39 Kbytes
Page   85 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7047 Series

SH7047F Datasheet (PDF)

Go To PDF Page Download Datasheet
SH7047F Datasheet PDF - Renesas Technology Corp

Part # SH7047F
Download  SH7047F Click to download

File Size   407.39 Kbytes
Page   85 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7047 Series

SH7047F Datasheet (HTML) - Renesas Technology Corp


SH7047F Product details

Overview

The SH7047 group single-chip RISC (Reduced Instruction Set Computer) microprocessors integrate a Renesas-original RISC CPU core with peripheral functions required for system configuration.

The SH7047 group CPU has a RISC-type instruction set. Most instructions can be executed in one state (one system clock cycle), which greatly improves instruction execution speed. In addition, the 32-bit internal-bus architecture enhances data processing power. With this CPU, it has become possible to assemble low cost, high performance/high-functioning systems, even for applications that were previously impossible with microprocessors, such as real-time control, which demands high speeds.

In addition, the SH7047 group includes on-chip peripheral functions necessary for system configuration, such as large-capacity ROM and RAM, timers, a serial communication interface (SCI), Controller area network 2 (HCAN2), an A/D converter, an interrupt controller (INTC), and I/O ports. ROM and SRAM can be directly connected to the SH7047 MCU by means of an external memory access support function. This greatly reduces system cost.



Features

• Central processing unit with an internal 32-bit RISC (Reduced Instruction Set Computer) architecture

- Instruction length: 16-bit fixed length for improved code efficiency

- Load-store architecture (basic operations are executed between registers)

- Sixteen 32-bit general registers

- Five-stage pipeline

- On-chip multiplier: multiplication operations (32 bits × 32 bits → 64 bits) executed in two to four cycles C language-oriented 62 basic instructions

• Various peripheral functions

- Data transfer controller (DTC)

- Multifunction timer/pulse unit (MTU)

- Motor management timer(MMT)

- Compare match timer (CMT)

- Watchdog timer (WDT)

- Asynchronous or clocked synchronous serial communication interface(SCI)

- 10-bit A/D converter

- Clock pulse generator

- Controller area network2 (HCAN2)

- User break controller (UBC)*

- High-performance user debug interface (H-UDI) *

- Advanced user debugger (AUD)*



 




Similar Part No. - SH7047F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7047F RENESAS-SH7047F Datasheet
4Mb / 764P
Renesas 32-Bit RISC Microcomputer SuperHTMRISC engine Family/SH7000 Series
More results


Similar Description - SH7047F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH-2A RENESAS-SH-2A Datasheet
3Mb / 501P
Renesas 32-Bit RISC Microcomputer SuperH™ RISC engine Family
SH7046 RENESAS-SH7046 Datasheet
3Mb / 611P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7046 Series
SH7727 RENESAS-SH7727 Datasheet
7Mb / 1109P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
SH7065 RENESAS-SH7065 Datasheet
5Mb / 941P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
SH7125 RENESAS-SH7125_08 Datasheet
4Mb / 774P
Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7050 RENESAS-SH7050 Datasheet
4Mb / 841P
32-Bit RISC Microcomputer SuperH RISC engine Family/
SH7055S RENESAS-SH7055S Datasheet
4Mb / 1002P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
R4S76410 RENESAS-R4S76410 Datasheet
4Mb / 1040P
Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7641 Series
SH7080 RENESAS-SH7080_09 Datasheet
9Mb / 1622P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
DF70854AD80FPV RENESAS-DF70854AD80FPV Datasheet
9Mb / 1622P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com