Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35016 Datasheet (PDF) - MENDA

35016 Datasheet PDF - MENDA
Part # 35016
Download  35016 Download
File Size   231.02 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description ESD DISSIPATIVE BADGE HOLDER, VERTICAL

35016 Datasheet (PDF)

Go To PDF Page Download Datasheet
35016 Datasheet PDF - MENDA

Part # 35016
Download  35016 Click to download

File Size   231.02 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description ESD DISSIPATIVE BADGE HOLDER, VERTICAL

35016 Datasheet (HTML) - MENDA


35016 Product details

SPECIFICATIONS
Dissipative Low Charging Vinyl Badge Holder
◦ Material Thickness: 0.012" (0.3 mm) front
0.024" (0.6 mm) back
◦ Material Tolerance (thickness): ±10%
◦ Material Color: matte front & back
Highly visible yellow header
Includes a 1/8" (3 mm) x 9/16" (14 mm) punch through slot, setback 3/8" (10 mm) from top
4-3/8" (111 mm) x 2-11/16" (68 mm) (Outer Dimension)
Opening setback 3/4" from top with zipper closure
ESD protection symbol in bottom left corner of the badge holder
Embossing with: Menda and Made In America along the bottom of the badge holder on the back
Dissipative vinyl 1 x 10⁴ to < 1 x 10¹¹ ohms, per ANSI/ESD STM11.11. Meets ANSI/ESD S20.20 and ANSI/ESD S541
Genuine Made In America - accept no substitutes
We can do customs just let us know your insert size




Similar Part No. - 35016

ManufacturerPart #DatasheetDescription
logo
Aptiv
35016652 APTIV-35016652 Datasheet
312Kb / 2P
ErgoMate™ 55 WAY CONNECTOR
More results


Similar Description - 35016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16260 ETC2-16260 Datasheet
51Kb / 2P
STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 (2.5MM)
14244 ETC2-14244 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
47511 ETC2-47511 Datasheet
67Kb / 1P
Dissipative Card Holder, With ESD Susceptibility Symbol
49109 ETC2-49109 Datasheet
35Kb / 1P
TRANSPARENT STATIC DISSIPATIVE (PINK POLY)
35276 ETC2-35276 Datasheet
245Kb / 1P
Yellow Dissipative Bottles
35282 ETC2-35282 Datasheet
283Kb / 1P
Blue Dissipative Bottles
44521 ETC-44521 Datasheet
264Kb / 3P
Professional Quality ESD Tweezers ESD SAFE ??STATIC DISSIPATIVE ??HYPO ALLERGENIC COATED ??TEXTURED GRIPPING SURFACE
36017 ETC2-36017 Datasheet
81Kb / 1P
35017 - BADGE HOLDER, ESD, ZIPPER, HORIZONTAL, 4 x 3-3/8
47200 ETC-47200 Datasheet
531Kb / 1P
ESD DISSIPATIVE TURNTABLE
June 2016
logo
Bertech.
ESDFC-B-5 BERTECH-ESDFC-B-5 Datasheet
159Kb / 1P
Static Dissipative Finger Cots
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com