Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35033 Datasheet (PDF) - MENDA

35033 Datasheet PDF - MENDA
Part # 35033
Download  35033 Download
File Size   146.3 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description BADGE HOLDER, VERTICAL FORMAT, BLUE COLOREDBORDER, 2 1/8" x 3 3/8" INSERT SIZE

35033 Datasheet (PDF)

Go To PDF Page Download Datasheet
35033 Datasheet PDF - MENDA

Part # 35033
Download  35033 Click to download

File Size   146.3 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description BADGE HOLDER, VERTICAL FORMAT, BLUE COLOREDBORDER, 2 1/8" x 3 3/8" INSERT SIZE

35033 Datasheet (HTML) - MENDA


35033 Product details

SPECIFICATIONS
Vinyl Badge Holder
◦ Material Thickness: 0.014" color border, & 0.0075" center
◦ Material Tolerance (thickness): ±10%
◦ Material Color: blue border & clear center
Includes a 1/8" x 9/16" punch through slot and two 3/16" holes located along top header
2 15/16" x 4 5/16" (Outer Dimension)
Embossed with Menda & Made in America along the header
Custom colors available upon request
Made in America




Similar Part No. - 35033

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35033 ETC2-35033 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
35033 ETC2-35033 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
More results


Similar Description - 35033

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F538 PHILIPS-74F538 Datasheet
85Kb / 10P
1-of -8 decoder 3-state
1989 Apr 06
logo
Sames
SA9203 SAMES-SA9203 Datasheet
113Kb / 14P
6/3 X 8 PORT EXPANDER
logo
ATMEL Corporation
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
1-megabit (128K x 8) 3-volt Only Flash Memory
logo
List of Unclassifed Man...
36017 ETC2-36017 Datasheet
81Kb / 1P
35017 - BADGE HOLDER, ESD, ZIPPER, HORIZONTAL, 4 x 3-3/8
logo
Cooper Bussmann, Inc.
BBS-11 COOPER-BBS-11 Datasheet
376Kb / 2P
BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
logo
Crydom Inc.,
HK1 CRYDOM-HK1 Datasheet
234Kb / 1P
HK1 contains 2 SSR mounting screws 8-32 x 3/8
logo
Eaton All Rights Reserv...
BBS EATON-BBS Datasheet
376Kb / 2P
BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
logo
Schneider Electric
LDB83 SCHNEIDER-LDB83 Datasheet
82Kb / 2P
WIREWAY 8 x 8 - N1 Paint - 3 ft lg
Jun 3, 2020
LJB83 SCHNEIDER-LJB83 Datasheet
58Kb / 2P
WIREWAY 8 x 8 - N12 - 3 ft lg
Jun 3, 2020
logo
SparkFun Electronics
ROB-12457 SPARKFUN-ROB-12457 Datasheet
92Kb / 1P
Shaft Coupler - 3/8 to 3/8
1/15/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com