Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJF0606JPE Datasheet (PDF) - Renesas Technology Corp

RJF0606JPE Datasheet PDF - Renesas Technology Corp
Part # RJF0606JPE
Download  RJF0606JPE Download
File Size   236.44 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60V-40A Silicon N Channel Thermal FET Power Switching

RJF0606JPE Datasheet (PDF)

Go To PDF Page Download Datasheet
RJF0606JPE Datasheet PDF - Renesas Technology Corp

Part # RJF0606JPE
Download  RJF0606JPE Click to download

File Size   236.44 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60V-40A Silicon N Channel Thermal FET Power Switching

RJF0606JPE Datasheet (HTML) - Renesas Technology Corp


RJF0606JPE Product details

• Logic level operation (4 V Gate drive).
• Built-in the over temperature shut-down circuit.
• High endurance capability against to the short circuit.
• Latch type shut down operation (need 0 voltage recovery).
• Built-in the current limitation circuit.
• Power supply voltage applies 12 V and 24 V.
• AEC-Q101 Compliant




Similar Part No. - RJF0606JPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0606JPE RENESAS-RJF0606JPE Datasheet
63Kb / 4P
Silicon N Channel MOS FET Series Power Switching
RJF0606JPE RENESAS-RJF0606JPE_13 Datasheet
236Kb / 8P
60V-40A Silicon N Channel Thermal FET Power Switching
RJF0606JPE RENESAS-RJF0606JPE_15 Datasheet
236Kb / 8P
60V-40A Silicon N Channel Thermal FET Power Switching
More results


Similar Description - RJF0606JPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0606JPE RENESAS-RJF0606JPE_13 Datasheet
236Kb / 8P
60V-40A Silicon N Channel Thermal FET Power Switching
RJF0609JSP RENESAS-RJF0609JSP Datasheet
281Kb / 8P
60V - 1.5V Silicon N Channel Thermal FET Power Switching
RJF0618JPE RENESAS-RJF0618JPE Datasheet
236Kb / 8P
60V-40A Silicon N Channel Thermal FET Power Switching
RJF0619JPE RENESAS-RJF0619JPE Datasheet
141Kb / 8P
60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0604JPD RENESAS-RJF0604JPD_15 Datasheet
105Kb / 8P
60V, 5A Silicon N Channel Thermal FET Power Switching
RJF0606JPE RENESAS-RJF0606JPE_15 Datasheet
236Kb / 8P
60V-40A Silicon N Channel Thermal FET Power Switching
RJF0618JPE RENESAS-RJF0618JPE_15 Datasheet
101Kb / 8P
60V-40A Silicon N Channel Thermal FET
RJF0619JPD RENESAS-RJF0619JPD_15 Datasheet
155Kb / 8P
60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0619JPE RENESAS-RJF0619JPE_15 Datasheet
141Kb / 8P
60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0619JPD RENESAS-RJF0619JPD Datasheet
154Kb / 8P
60V, 30A Silicon N Channel Thermal FET Power Switching
Sep. 02, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com