Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35053 Datasheet (PDF) - MENDA

35053 Datasheet PDF - MENDA
Part # 35053
Download  35053 Download
File Size   417.74 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description VERTICAL PROXIMITY CARD HOLDER, 2 3/8" (60MM) x 3 3/8" (86MM) INSERT SIZE

35053 Datasheet (PDF)

Go To PDF Page Download Datasheet
35053 Datasheet PDF - MENDA

Part # 35053
Download  35053 Click to download

File Size   417.74 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description VERTICAL PROXIMITY CARD HOLDER, 2 3/8" (60MM) x 3 3/8" (86MM) INSERT SIZE

35053 Datasheet (HTML) - MENDA


35053 Product details

SPECIFICATIONS
Vinyl Proximity Card Holder
◦ Material Thickness: 0.020" (0.51mm) (3S) front, & 0.020" (0.51mm)
(6S) back
◦ Material Tolerance (thickness): ±10%
◦ Material Color: clear front & matte back
Includes a 1/8" (3mm) x 9/16" (14mm) punch through slot located 3/8" (10mm)
from the top
2 13/16" (71mm) x 4 3/8" (111mm) (Outer Dimension)
Opening located along top
Embossed with Menda & Made In America in bottom corners on back




Similar Part No. - 35053

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35053 ETC2-35053 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
35053 ETC2-35053 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
logo
Alpha Wire
35053 ALPHAWIRE-35053 Datasheet
392Kb / 4P
20 (7/28) AWG Tinned Copper
logo
Tyco Electronics
350536 MACOM-350536 Datasheet
74Kb / 1P
SOCKET, UNIVERSAL MATE-N-LOK
350536-1 MACOM-350536-1 Datasheet
74Kb / 1P
SOCKET, UNIVERSAL MATE-N-LOK
More results


Similar Description - 35053

ManufacturerPart #DatasheetDescription
logo
Sames
SA9203 SAMES-SA9203 Datasheet
113Kb / 14P
6/3 X 8 PORT EXPANDER
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
2-megabit (256K x 8) 3-volt Only Flash Memory
logo
List of Unclassifed Man...
36017 ETC2-36017 Datasheet
81Kb / 1P
35017 - BADGE HOLDER, ESD, ZIPPER, HORIZONTAL, 4 x 3-3/8
logo
Crydom Inc.,
HK1 CRYDOM-HK1 Datasheet
234Kb / 1P
HK1 contains 2 SSR mounting screws 8-32 x 3/8
logo
PHOENIX CONTACT
3030297 PHOENIX-3030297 Datasheet
66Kb / 2P
FBS 3-8
3118148 PHOENIX-3118148 Datasheet
69Kb / 2P
EBS 3- 8
1711084 PHOENIX-1711084 Datasheet
157Kb / 4P
MKDS 3/ 8
logo
Schneider Electric
LDB83 SCHNEIDER-LDB83 Datasheet
82Kb / 2P
WIREWAY 8 x 8 - N1 Paint - 3 ft lg
Jun 3, 2020
LJB83 SCHNEIDER-LJB83 Datasheet
58Kb / 2P
WIREWAY 8 x 8 - N12 - 3 ft lg
Jun 3, 2020
logo
SparkFun Electronics
ROB-12457 SPARKFUN-ROB-12457 Datasheet
92Kb / 1P
Shaft Coupler - 3/8 to 3/8
1/15/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com