Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35067 Datasheet (PDF) - MENDA

35067 Datasheet PDF - MENDA
Part # 35067
Download  35067 Download
File Size   253.97 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description ESD PROTECTIVE VINYL BREAKAWAY LANYARD

35067 Datasheet (PDF)

Go To PDF Page Download Datasheet
35067 Datasheet PDF - MENDA

Part # 35067
Download  35067 Click to download

File Size   253.97 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description ESD PROTECTIVE VINYL BREAKAWAY LANYARD

35067 Datasheet (HTML) - MENDA


35067 Product details

SPECIFICATIONS
Ideal for use by electronic manufacturers working with ESD sensitive components
Dissipative vinyl 1 x 104 to < 1 x 1011 ohms, per ANSI/ESD STM11.11 Meets ANSI/ESD S20.20 and ANSI/ESD S541
Lanyard for short term use
Lanyard Width 1/8” (3 mm) ± .010” (0.3 mm)
Snaps are 3/8” (10 mm) in diameter
Lanyard is made using 1 layer .020” (0.5 mm) matte soft vinyl, in
between 2 layers .012” (0.3 mm) thick ESD vinyl
Soft, frosty clear vinyl presents a low profile that doesn’t compete with clothing
Strap snaps around the neck and attaches to clip-on or retractable badge holder
With a nominal 15 pound force applied to lanyard it will break




Similar Part No. - 35067

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
35067 SCHOTT-35067 Datasheet
14Kb / 1P
INDUCTOR, PQ2007, 0.62 關H, 45 ADC
logo
List of Unclassifed Man...
35067 ETC2-35067 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
More results


Similar Description - 35067

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD7760-000-00706Z WINCHESTER-SD7760-000-00706Z Datasheet
90Kb / 1P
FIBER TRI-LOC PLUG RUBBER CAP AND LANYARD
logo
List of Unclassifed Man...
73832 ETC2-73832 Datasheet
609Kb / 4P
ESD Statshield Protective Smocks Grounding, Testing and Maintenance
logo
Winchester Electronics ...
7760-000-00707Z WINCHESTER-7760-000-00707Z Datasheet
90Kb / 1P
FIBER TRI-LOC JACK RUBBER CAP AND LANYARD
7760-000-00706Z WINCHESTER-7760-000-00706Z Datasheet
90Kb / 1P
FIBER TRI-LOC PLUG RUBBER CAP AND LANYARD
logo
Glenair, Inc.
233-101-G6 GLENAIR-233-101-G6 Datasheet
322Kb / 2P
Type 4 Lanyard Release Plug
logo
Virginia Panel Corporat...
310113569 VPC-310113569 Datasheet
81Kb / 1P
ESD PROTECTIVE COVER, RCV
410112924 VPC-410112924 Datasheet
68Kb / 1P
ESD PROTECTIVE COVER, ITA
logo
Nanjing Qinheng Microel...
CH412 WCH-CH412 Datasheet
110Kb / 4P
ESD Protective chip
logo
3M Electronics
471 3M-471 Datasheet
32Kb / 3P
Vinyl Tape
logo
Bertech.
3059 BERTECH-3059 Datasheet
170Kb / 1P
ESD Vinyl Mats and Mat Kits
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com