Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35100 Datasheet (PDF) - MENDA

35100 Datasheet PDF - MENDA
Part # 35100
Download  35100 Download
File Size   164.69 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description CIRCUITRACER® CONTINUITY AND VOLTAGE TESTER

35100 Datasheet (PDF)

Go To PDF Page Download Datasheet
35100 Datasheet PDF - MENDA

Part # 35100
Download  35100 Click to download

File Size   164.69 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description CIRCUITRACER® CONTINUITY AND VOLTAGE TESTER

35100 Datasheet (HTML) - MENDA


35100 Product details

MODE 1: Continuity tester for unpowered circuits. 0-10 ohms; uses the
Menda 35121 lamp and two AAA batteries (not supplied).
MODE 2: Voltage tester for 60-600 volts AC or DC; uses the neon
cartridge and no batteries.
MODE 3: Voltage tester for 0-60 volts AC or DC; uses the Menda 35121
lamp and no batteries.
A. Probe tip (included)
B. Menda 35121 (included) - For use in Modes 1 and 3. Operates from 2 to 3 volts in Mode 3.
C. Neon Cartridge (included) - For use in Mode 2.
D. Two AAA batteries (not included) - For use in Mode 1
E. Three point washer rides on internal steps in handle. Slides to lower position for Mode 1; upper position for Modes 2 and 3.
F. The other end of the 3 ft wire lead is terminated with a #85 Mueller ground clip.
G. Black insulator over clip for high voltage applications.
H. Wire is 0.1" high flex 105 strand copper with black PVC insulated jacket; 3' length
I. Clear butyrate window provides a 360º view of the indicator light




Similar Part No. - 35100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
35100 VISHAY-35100 Datasheet
89Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
logo
M-System Co.,Ltd.
35100/6 MSYSTEM-35100/6 Datasheet
59Kb / 3P
Ceramic Stand-Off Insulators for RF-Equipment
logo
Aries Electronics, Inc.
351000 ARIES-351000 Datasheet
702Kb / 1P
Allows the use of 0.65mm pitch surface-mount ICs in thru-hole designs
logo
Lumberg
351002 LUMBERG-351002 Datasheet
117Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
351002 LUMBERG-351002 Datasheet
866Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
More results


Similar Description - 35100

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
ET34 EXTECH-ET34 Datasheet
120Kb / 1P
Voltage and Continuity Tester
logo
List of Unclassifed Man...
PT-350 ETC2-PT-350 Datasheet
133Kb / 1P
Pockey Continuity Tester Toner - PT-300
logo
Extech Instruments Corp...
CT20 EXTECH-CT20 Datasheet
182Kb / 1P
Continuity Tester Pro
logo
Molex Electronics Ltd.
130127-0005 MOLEX11-130127-0005 Datasheet
46Kb / 1P
Super-Safeway Three Wire Circuit Tester, 3 Indicating Lights & Ground Continuity Tester
0636000936 MOLEX11-0636000936 Datasheet
30Kb / 1P
Continuity and Hipot Tester
1301270005 MOLEX11-1301270005 Datasheet
38Kb / 1P
Super-Safeway Three Wire Circuit Tester, 3 Indicating Lights & Ground Continuity Tester
logo
Tripp Lite. All Rights ...
N044-000-R TRIPPLITE-N044-000-R Datasheet
158Kb / 2P
Network Cable Continuity Tester for Cat5/Cat6, Phone and Coax Cable Assemblies
T013-001-POE TRIPPLITE-T013-001-POE Datasheet
177Kb / 2P
Network Cable Continuity Tester with PoE Detection for Cat5e/Cat6/Cat6a and Phone Cable Assemblies
logo
Fluke Corporation
T150 FLUKE-T150 Datasheet
1Mb / 4P
Voltage Continuity Tester
T90 FLUKE-T90 Datasheet
815Kb / 4P
Voltage and Continuity Testers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com