Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA-20H Datasheet (PDF) - List of Unclassifed Manufacturers

FA-20H Datasheet PDF - List of Unclassifed Manufacturers
Part # FA-20H
Download  FA-20H Download
File Size   369.94 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD

FA-20H Datasheet (PDF)

Go To PDF Page Download Datasheet
FA-20H Datasheet PDF - List of Unclassifed Manufacturers

Part # FA-20H
Download  FA-20H Click to download

File Size   369.94 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD

FA-20H Datasheet (HTML) - List of Unclassifed Manufacturers


FA-20H Product details

[EPSONTOYOCOM]

MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD

• Nominal frequency range : 16 MHz to 44 MHz
• Thickness : 0.55 mm Max.
• Overtone order : Fundamental
• Applications : Mobile phone, Bluetooth, W-LAN
                         ISM band radio, Clock for MPU




Similar Part No. - FA-20H

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
FA-20H EPSONTOYOCOM-FA-20H Datasheet
472Kb / 2P
ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-20H EPSONTOYOCOM-FA-20H Datasheet
187Kb / 1P
ULTRA MINIATURE SIZE LOW PROFILE SMD
logo
Epson Company
FA-20H EPSON-FA-20H Datasheet
888Kb / 2P
MHz RANGE CRYSTAL UNIT
FA-20HS EPSON-FA-20HS Datasheet
606Kb / 2P
MHz RANGE CRYSTAL UNIT Built-in thermistor
logo
Epson ToYoCom
FA-20H EPSONTOYOCOM-FA-20H_10 Datasheet
187Kb / 1P
ULTRA MINIATURE SIZE LOW PROFILE SMD
More results


Similar Description - FA-20H

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
FA-128 EPSONTOYOCOM-FA-128 Datasheet
363Kb / 1P
MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-20H EPSONTOYOCOM-FA-20H Datasheet
472Kb / 2P
ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-238V EPSONTOYOCOM-FA-238V Datasheet
422Kb / 2P
MHz RANGE CRYSTAL UNIT MINIATURE SIZE LOW PROFILE SMD
FA-365 EPSONTOYOCOM-FA-365 Datasheet
300Kb / 2P
MHz RANGE CRYSTAL UNIT LOW PROFILE SMD
MA-306 EPSONTOYOCOM-MA-306 Datasheet
329Kb / 2P
MHz RANGE CRYSTAL UNIT LOW PROFILE SMD
MA-406 EPSONTOYOCOM-MA-406 Datasheet
379Kb / 2P
MHz RANGE CRYSTAL UNIT SMD
TSX-4025 EPSONTOYOCOM-TSX-4025 Datasheet
406Kb / 2P
MHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FA-118T EPSONTOYOCOM-FA-118T Datasheet
524Kb / 2P
MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-118 EPSONTOYOCOM-FA-118 Datasheet
376Kb / 2P
ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-128 EPSONTOYOCOM-FA-128_10 Datasheet
169Kb / 1P
ULTRA MINIATURE SIZE LOW PROFILE SMD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com