Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC393 Datasheet (PDF) - STMicroelectronics

M54HC393 Datasheet PDF - STMicroelectronics
Part # M54HC393
Download  M54HC393 Download
File Size   256.28 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description M54HC390F1R M74HC390M1R M74HC390B1R M74HC390C1R

M54HC393 Datasheet (PDF)

Go To PDF Page Download Datasheet
M54HC393 Datasheet PDF - STMicroelectronics

Part # M54HC393
Download  M54HC393 Click to download

File Size   256.28 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description M54HC390F1R M74HC390M1R M74HC390B1R M74HC390C1R

M54HC393 Datasheet (HTML) - STMicroelectronics


M54HC393 Product details

DESCRIPTION
The M54/74HC393 is a high speed CMOS DUAL BINARY COUNTER fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true COMS low power consumption.
This counter circuit contains independent ripple carry counters and two 4-bit ripple carry binary counters, which can be cascated to create a single divide by 256 counter.
Each 4-bit counter is incremented on the high to low transition (negative edge) of the clock input,and each has an independent clear input. When clear is set to low all four bits of each counter are set to a low level. This enables count truncation and allows the implementation od divide by N counter configurations.
All inputs are equipped with protection circuits against static discharge and transient excess voltage.

■ HIGH SPEED fMAX = 72 MHz (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION ICC = 4 µA (MAX.) AT TA = 25 °C
■ HIGH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY 10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE |IOH| = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE WITH 54/74LS393




Similar Part No. - M54HC393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC393 STMICROELECTRONICS-M54HC393 Datasheet
331Kb / 12P
RAD-HARD DUAL BINARY COUNTER
10-May-2004
M54HC393 STMICROELECTRONICS-M54HC393 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC393D STMICROELECTRONICS-M54HC393D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC393K STMICROELECTRONICS-M54HC393K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC393 STMICROELECTRONICS-M54HC393_04 Datasheet
331Kb / 12P
RAD-HARD DUAL BINARY COUNTER
10-May-2004
More results






About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com