Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-ST-20 Datasheet (PDF) - ABB

EPP-ST-20 Datasheet PDF - ABB
Part # EPP-ST-20
Download  EPP-ST-20 Download
File Size   6444.65 Kbytes
Page   75 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Protecta Plus MCB distribution board 250A Edition 1

EPP-ST-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
EPP-ST-20 Datasheet PDF - ABB

Part # EPP-ST-20
Download  EPP-ST-20 Click to download

File Size   6444.65 Kbytes
Page   75 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Protecta Plus MCB distribution board 250A Edition 1

EPP-ST-20 Datasheet (HTML) - ABB


EPP-ST-20 Product details

General features of the series
With the new Protecta Plus system, ABB has developed a new and personalised
series of MCB distribution boards which can be expanded over time. The wide
internal accessibility ensures a quick and easy approach to the electrical components
assembly. The neutral and earth bars positioned on the inner sides of the
distribution board are completely isolated to ensure better safety for users.

Main construction features
• Structure in epoxy coated metal sheets, 1 mm,
textured finish
• Wall installation for indoor environments
• Degree of protection - IP43 with door, IP30
without door
• Mechanical resistance: IK07
• Busbar rating: 250A
• Number of ways: 4, 8, 12, 16, 20, 24
• Maximum ambient temperature +35 °C
• Compliance with IEC BS EN 61439 1-2
• Simple wiring of all cabinets, both horizontally
and vertically
• Easy internal accessibility that facilitates all the
wiring operations and maintenance
• Prepackaged standardized kits for specific
applications (e.g. surge protection, metering)
A comprehensive range
The range consists of distribution boards for wall
mounting in six heights from 590 mm to 1360
mm, 450 mm width and depth starting from
125 mm, ensuring the development of multiple
solutions. Protecta Plus system is easy to design,
quick to assemble and reliable to apply.

Ease of wiring
With the new mounting concept, Protecta Plus
offers great levels of flexibility and accessibility
for installation and wiring. The internal module
can be easily removed allowing the wiring of
different equipment outside the distribution board.
This solution allows for an easier installation with
more rapid production times.
Maximum accessibility
Thanks to the particularly large opening angle of
the door, Protecta Plus offers the possibility to
have optimal access to the distribution board,
especially in case of maintenance. The perfectly
reversible doors can be installed with right
or left opening.




Similar Part No. - EPP-ST-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
EPP-100 MEANWELL-EPP-100 Datasheet
759Kb / 2P
100W Single Output with PFC Function
EPP-100-12 MEANWELL-EPP-100-12 Datasheet
997Kb / 3P
100W Single Output with PFC Function
EPP-100-15 MEANWELL-EPP-100-15 Datasheet
997Kb / 3P
100W Single Output with PFC Function
EPP-100-24 MEANWELL-EPP-100-24 Datasheet
997Kb / 3P
100W Single Output with PFC Function
EPP-100-27 MEANWELL-EPP-100-27 Datasheet
997Kb / 3P
100W Single Output with PFC Function
More results


Similar Description - EPP-ST-20

ManufacturerPart #DatasheetDescription
logo
NEC
65PWB31 NEC-65PWB31 Datasheet
168Kb / 10P
DOD-PD-0734 (2nd edition)
logo
Motorola, Inc
M68000 MOTOROLA-M68000_1 Datasheet
7Mb / 224P
Microprocessor User Manual Ninth Edition
logo
Delta Electronics, Inc.
FHS-A9020S01 DELTA-FHS-A9020S01 Datasheet
729Kb / 2P
Extreme edition sequence
logo
NXP Semiconductors
BLP7G22-10 NXP-BLP7G22-10 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
rfsolutions.ltd
DS378-2 RFSOLUTIONS-DS378-2 Datasheet
867Kb / 11P
Evaluation board for Toothpick, LinkMatik, Bluematik and Toothpick Stamp Edition
logo
Bel Fuse Inc.
ABC350-1T12L BEL-ABC350-1T12L Datasheet
941Kb / 6P
Approved to EN60950-1 2nd Edition
logo
Schneider Electric
PDC3KA20 SCHNEIDER-PDC3KA20 Datasheet
132Kb / 2P
250A KAL/KHL MOULDED CASE CIRCUIT BREAKER POWER DISTRIBUTION CONNECTOR
Apr 19, 2021
logo
SparkFun Electronics
BOK-11170 SPARKFUN-BOK-11170 Datasheet
114Kb / 2P
Arduino Cookbook - Second Edition
6??1??7
logo
ETA-USA
MDL-SX-W5 ETA-USA-MDL-SX-W5 Datasheet
2Mb / 2P
65W Medical 60601-1 3rd Edition approved
logo
List of Unclassifed Man...
JEDI ETC1-JEDI Datasheet
345Kb / 2P
Seeed Studio Edition
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com