Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT4054_E Datasheet (PDF) - Shanghai Natlinear Electronics Co., Ltd.

XT4054_E Datasheet PDF - Shanghai Natlinear Electronics Co., Ltd.
Part # XT4054_E
Download  XT4054_E Download
File Size   312.64 Kbytes
Page   10 Pages
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.
Description Standalone Linear Li-Ion Battery Charger with Thermal Regulation

XT4054_E Datasheet (PDF)

Go To PDF Page Download Datasheet
XT4054_E Datasheet PDF - Shanghai Natlinear Electronics Co., Ltd.

Part # XT4054_E
Download  XT4054_E Click to download

File Size   312.64 Kbytes
Page   10 Pages
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.
Description Standalone Linear Li-Ion Battery Charger with Thermal Regulation

XT4054_E Datasheet (HTML) - Shanghai Natlinear Electronics Co., Ltd.


XT4054_E Product details

■ Features
 Programmable Charge Current Up to 500mA
 No MOSFET, Sense Resistor or Blocking Diode Required
 Complete Linear Charger in The SOT Package for single Cell Lithium-Ion Batteries
 Constant-Current/Constant-Voltage Operation with Thermal Regulation to Maximize Charge Rate Without Risk of Overheating
 Charges Single Cell Li-Ion Batteries Directly from USB Port

 Charge Current Monitor Output for Gas Gauging
 Automatic Recharge
 Charge Status Output Pin
 C/10 Charge Termination

 2.9V Trickle Charge Threshold (XT4054)
 Soft-Start Limits Inrush Current
 Battery reversed protection
 7KV ESD(HBM) capability
 Available in 5-Lead SOT-23 and SOT89 Package
■ General Description
The XT4054 is a complete constant-current /constant -voltage linear charger for single cell lithium-ion batteries. Its ThinSOT package and low external component count make the XT4054 ideally suited for portable applications. Furthermore, the XT4054 is specifically designed to work within USB power specifications.
No external sense resistor is needed, and no blocking diode is required due to the internal MOSFET architecture. Thermal feedback regulates the charge current to limit the die temperature during high power operation or high ambient temperature. The charge voltage is fixed at 4.2V, and the charge current can be programmed externally with a single resistor. The XT4054 automatically terminates the charge cycle when the charge current drops to 1/10th the programmed value after the final float voltage is reached.
When the input supply (wall adapter or USB supply) is removed, the XT4054 automatically enters a low current The XT4054 can be put into shutdown mode, reducing the supply current to 25μA.
When battery reversed,the internal protected the BAT pin throughout about 0.7mA current from GND.Also,The BAT pin has a 7KV ESD(HBM) capability.
Other features include charge current monitor, under-voltage lockout, automatic recharge and a status pin to indicate charge termination and the presence of an input voltage.
■ Applications
 Cellular Telephones, PDAs, MP3 Players
 Charging Docks and Cradles
 Bluetooth Applications




Similar Part No. - XT4054_E

ManufacturerPart #DatasheetDescription
logo
Shanghai Natlinear Elec...
XT4051_E NATLINEAR-XT4051_E Datasheet
232Kb / 11P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
April.27. 2016
XT4052_E NATLINEAR-XT4052_E Datasheet
325Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
Oct. 25. 2016
More results


Similar Description - XT4054_E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBC08 STMICROELECTRONICS-STBC08 Datasheet
328Kb / 17P
800mA Standalone linear Li-Ion Battery charger with thermal regulation
04-Sep-2006
STC4054 STMICROELECTRONICS-STC4054 Datasheet
299Kb / 17P
800mA Standalone linear Li-Ion Battery charger with thermal regulation
04-Sep-2006
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
Linear Technology
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
AiT Semiconductor Inc.
A4056 AITSEMI-A4056 Datasheet
679Kb / 10P
BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.2
A4056B AITSEMI-A4056B Datasheet
1Mb / 12P
BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com