Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7655 Datasheet (PDF) - Infinite Electronics International, Inc.

SC7655 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC7655
Download  SC7655 Download
File Size   500.32 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Male Connector Slotted Contact Terminal Field Replaceable Attachment 4 Hole Flange

SC7655 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC7655 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC7655
Download  SC7655 Click to download

File Size   500.32 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Male Connector Slotted Contact Terminal Field Replaceable Attachment 4 Hole Flange

SC7655 Datasheet (HTML) - Infinite Electronics International, Inc.


SC7655 Product details

Features
• Operating Frequency
• of 18 GHz Max.
• Excellent VSWR of 1.25:1
• Gold Plated Beryllium
• Copper Contact
• Contact plating according
• to MIL-G-45204
• Applications:
• General Purpose Test
• Rack and Panel Mount
• Applications




Similar Part No. - SC7655

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC7612 FAIRVIEW-SC7612 Datasheet
236Kb / 1P
SMA PANEL MOUNT DUMMY
A
SC7615 FAIRVIEW-SC7615 Datasheet
26Kb / 1P
REV FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM SMA PANEL MOUNT DUMMY SHEET
REV A
SC7620 FAIRVIEW-SC7620 Datasheet
603Kb / 3P
2.92mm Female (Jack) Connector 4 Hole Flange (Panel Mount) for RG405 Cable, Solder/Non-Solder Contact
REV 1.4
SC7621 FAIRVIEW-SC7621 Datasheet
566Kb / 3P
2.92mm Female Connector Clamp/Non-Solder Contact Attachment 4 Hole Flange For .047 SR Cable
REV 1.2
logo
Bedford Opto Technology...
SC762110 BOT-SC762110 Datasheet
97Kb / 2P
Power Solid State Relay
More results


Similar Description - SC7655

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44029 PASTERNACK-PE44029 Datasheet
825Kb / 3P
SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.015 inch Pin
PE44031 PASTERNACK-PE44031 Datasheet
243Kb / 3P
SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.020 inch Pin
PE44020 PASTERNACK-PE44020 Datasheet
209Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.018 inch Pin, .500 inch Flange Size
PE44717 PASTERNACK-PE44717 Datasheet
834Kb / 3P
7/16 DIN Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal,Attachment 4 Hole Flange Slotted Contact Terminal
PE44721 PASTERNACK-PE44721 Datasheet
944Kb / 3P
N Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.24 Sq. Flange Watt Meter Connector
PE44720 PASTERNACK-PE44720 Datasheet
945Kb / 3P
BNC Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.24 Sq. Flange Watt Meter Connector
PE44718 PASTERNACK-PE44718 Datasheet
821Kb / 3P
HN Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, Watt Meter Connector
PE44722 PASTERNACK-PE44722 Datasheet
949Kb / 3P
N Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.0 Sq. Flange Watt Meter Connector
PE44032 PASTERNACK-PE44032 Datasheet
210Kb / 3P
SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.036 inch Pin
PE44719 PASTERNACK-PE44719 Datasheet
813Kb / 3P
UHF Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.24 Sq. Flange Watt Meter Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com