Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NF40E-13 Datasheet (PDF) - ABB

NF40E-13 Datasheet PDF - ABB
Part # NF40E-13
Download  NF40E-13 Download
File Size   53.96 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Extended Product Type:

NF40E-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
NF40E-13 Datasheet PDF - ABB

Part # NF40E-13
Download  NF40E-13 Click to download

File Size   53.96 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Extended Product Type:

NF40E-13 Datasheet (HTML) - ABB


NF40E-13 Product details

Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
General Information
NF40E-13
1SBH137001R1340
3471523100039
NF40E-13 100-250V50/60HZ-DC Contactor Relay
NF contactor relays are used for switching auxiliary and control circuits. NF contactor relays
include an electronic coil interface accepting a wide control voltage Uc min. ... Uc max. Only
four coils cover control voltages between 24...500 V 50/60 Hz or 20...500 V DC. NF
contactor relays can manage large control voltage variations. One coil can be used for
different control voltages used worldwide without any coil change. NF contactor relays have
built-in surge protection and do not require additional surge suppressors. - Poles: 4-pole
contactor relays - Control Circuit: AC or DC operated - Accessories: a wide range of
Accessories is available.




Similar Part No. - NF40E-13

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
NF400-CP MITSUBISHI-NF400-CP Datasheet
1Mb / 105P
TECHNICAL NOTES
NF400-HEP MITSUBISHI-NF400-HEP Datasheet
1Mb / 105P
TECHNICAL NOTES
NF400-REP MITSUBISHI-NF400-REP Datasheet
1Mb / 105P
TECHNICAL NOTES
NF400-SEP MITSUBISHI-NF400-SEP Datasheet
1Mb / 105P
TECHNICAL NOTES
NF400-SP MITSUBISHI-NF400-SP Datasheet
1Mb / 105P
TECHNICAL NOTES
More results


Similar Description - NF40E-13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS573B FAIRCHILD-DM74ALS573B Datasheet
71Kb / 7P
Extended Temperature Octal D-Type Transparent Latch
logo
RFE international
VEA220MIATR040053 RFE-VEA220MIATR040053 Datasheet
111Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS VEA Series: Surface Mount Type, Extended Range
logo
FCI connector
10038334 FCI-CONNECTOR-10038334 Datasheet
176Kb / 2P
SAS RECEPTACLE EXTENDED HEIGHT VERTICAL SMT TYPE ASSY
logo
TDK Electronics
CGJ5L2X7R0J106KTXXXX TDK-CGJ5L2X7R0J106KTXXXX Datasheet
291Kb / 2P
Extended Life MLCC
logo
M/A-COM Technology Solu...
AM-131-PIN MA-COM-AM-131-PIN Datasheet
126Kb / 2P
Product Type: Broadband RF Amplifier
logo
Vicor Corporation
110V VICOR-110V Datasheet
611Kb / 14P
Extended temperature range
logo
Cornell Dubilier Electr...
SCR CDE-SCR Datasheet
269Kb / 4P
Type SCRN Film-Paper/Extended Foil Commutating Capacitor
logo
ORing Industrial Networ...
IMC-B111ETB-RJ45 ORING-IMC-B111ETB-RJ45 Datasheet
202Kb / 4P
Industrial mini type extended media converter
logo
Tadiran Batteries GmbH
SL-561 TADIRN-SL-561 Datasheet
296Kb / 1P
Extended temperature range
logo
Schneider Electric
9001KR2U SCHNEIDER-9001KR2U Datasheet
190Kb / 5P
30mm Push Button, Type K, push button, extended guard, universal
Dec 6, 2021
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com