Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OT63FT3 Datasheet (PDF) - ABB

OT63FT3 Datasheet PDF - ABB
Part # OT63FT3
Download  OT63FT3 Download
File Size   47.77 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description OT63FT3 switch-disconnector

OT63FT3 Datasheet (PDF)

Go To PDF Page Download Datasheet
OT63FT3 Datasheet PDF - ABB

Part # OT63FT3
Download  OT63FT3 Click to download

File Size   47.77 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description OT63FT3 switch-disconnector

OT63FT3 Datasheet (HTML) - ABB


OT63FT3 Product details

Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
General Information
OT63FT3
1SCA105382R1001
6417019393186
OT63FT3 switch-disconnector
3-pole, front operated, door mounted switch-diconnector / non-fusible diconnect switch with
protected clamp terminals, handle is not included




Similar Part No. - OT63FT3

ManufacturerPart #DatasheetDescription
logo
ABB
OT63FT3 ABB-OT63FT3 Datasheet
17Mb / 192P
Switch-disconnectors High performance, compact solution
More results


Similar Description - OT63FT3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GS2JU3N SCHNEIDER-GS2JU3N Datasheet
103Kb / 3P
switch-disconnector-fuse
Aug 26, 2020
logo
ABB
OT63F3 ABB-OT63F3 Datasheet
217Kb / 4P
SWITCH-DISCONNECTOR
logo
Schneider Electric
VCF4GE SCHNEIDER-VCF4GE Datasheet
117Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jul 12, 2021
VCF2GE SCHNEIDER-VCF2GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 32A, IP65
Jul 12, 2021
VCF02GE SCHNEIDER-VCF02GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 10A, IP65
Jul 12, 2021
VBF3GE SCHNEIDER-VBF3GE Datasheet
132Kb / 3P
TeSys Vario enclosed, main switch disconnector, 50A, IP65
Jul 12, 2021
VBF2GE SCHNEIDER-VBF2GE Datasheet
124Kb / 3P
TeSys Vario enclosed, main switch disconnector, 32A, IP65
Jul 12, 2021
VBD01 SCHNEIDER-VBD01 Datasheet
151Kb / 3P
TeSys Vario - switch disconnector - 20 A - on door
Jul 12, 2021
VBD1 SCHNEIDER-VBD1_V01 Datasheet
158Kb / 3P
TeSys Vario - switch disconnector - 32 A - on door
Jun 13, 2022
VBF3 SCHNEIDER-VBF3_V01 Datasheet
158Kb / 3P
TeSys Vario - switch disconnector - 63 A - on door
Jun 13, 2022
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com