Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA57100 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIA57100 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIA57100
Download  DIA57100 Download
File Size   2341.21 Kbytes
Page   26 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Automotive Fully Integrated H-bridge Motor Driver

DIA57100 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIA57100 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIA57100
Download  DIA57100 Click to download

File Size   2341.21 Kbytes
Page   26 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Automotive Fully Integrated H-bridge Motor Driver

DIA57100 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIA57100 Product details

 Features
 AEC-Q100 qualified
− Device ambient temperature:
-40°C ≤ TA ≤ 125°C
− Device junction temperature:
-40°C ≤ TJ ≤ 150°C
 Operating voltage: 4 to 28 V, 40 V abs. max
 Output current: 12 A
 RDS(ON): 100 mΩ per half bridge (typ)
 3 V CMOS-compatible inputs
 PWM operation up to 20 kHz
 Very low standby current, 1.5 μA max at 25°C
 Protections:
− Cross-conduction protection
− Overvoltage clamp
− Undervoltage shutdown
− Current limitation
− Power limitation
− Thermal shutdown
− Output short to ground and short to VCC
− Loss of ground and loss of VCC
 CS diagnostic functions:
− Analog motor current feedback
− OFF-state open load detection
− Output short to ground detection
− Output short to VCC detection
− Thermal shutdown indication
 Flexibility of use as full bridge, dual half bridge
and multi-motor driving configuration
 Applications
 Automotive brushed DC motors and solenoids
 Zone control unit (ZCU)
 Hidden door handles
 Side mirror modules
 Electric spoiler adjustment
 Door lock, child lock, tail gate lock
 On board charger
 Description
The device is a fully integrated H-bridge motor driver
intended for a wide range of automotive applications.
The design of monolithic die in a power package
offers better robustness and higher reliability.
The direction and brake operation of the motor are
simply controlled by applying digital signals to the INA
and INB.
The CS pin allows to monitor the motor current by
delivering a current proportional to the motor current
value, and it also develops a voltage flag for a failure
on the relevant output in the ON state as well as the
OFF state. The independent PWM pin, up to 20 kHz,
allows to control the speed of the motor easily in all
possible conditions. In all cases, a low level state on
the PWM pin turns off both the LSA and LSB
switches.




Similar Part No. - DIA57100

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIA57070 DIOO-DIA57070 Datasheet
2Mb / 24P
Automotive Fully Integrated H-bridge Motor Driver
Oct 2024
DIA57070XS16 DIOO-DIA57070XS16 Datasheet
2Mb / 24P
Automotive Fully Integrated H-bridge Motor Driver
Oct 2024
More results


Similar Description - DIA57100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
Rev. 1
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
138Kb / 18P
AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
Automotive fully integrated H-bridge motor driver
15-Nov-2007
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
533Kb / 31P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH2SP30TR-E STMICROELECTRONICS-VNH2SP30TR-E Datasheet
636Kb / 33P
Automotive fully integrated H-bridge motor driver
02-Oct-2008
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
Automotive fully integrated H-bridge motor driver
19-Sep-2013
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
Automotive fully integrated H-bridge motor driver
07-Oct-2015
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
Automotive fully integrated H-bridge motor driver
14-Mar-2019
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
Automotive fully integrated H-bridge motor driver
02-Mar-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com