Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIG69222 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIG69222 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIG69222
Download  DIG69222 Download
File Size   1086.61 Kbytes
Page   13 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description DIG69222 High-Efficiency 2 A Continuous, 2.5 A Peak,28 V Input Synchronous Step-Down Converter

DIG69222 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIG69222 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIG69222
Download  DIG69222 Click to download

File Size   1086.61 Kbytes
Page   13 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description DIG69222 High-Efficiency 2 A Continuous, 2.5 A Peak,28 V Input Synchronous Step-Down Converter

DIG69222 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIG69222 Product details

Features
 Low RDS(ON) for internal switches (top/bottom)
130 mΩ/90 mΩ, 2.0 A DC current
 4.5 ~ 28 V input voltage range
 High-efficiency synchronous-mode
 Internal soft start limits the inrush current
 Overcurrent protection
 Thermal shutdown
 Green package: DFN2*2-6 is pin compatible
Applications
 Portable navigation device
 Set top box
 Portable TV
 LCD TV
Descriptions
The DIG69222 is a high-efficiency, high-frequency
synchronous step-down DC-DC regulator IC
capable of delivering up to 2 A continuous output
currents. The DIG69222 operates over a wide
input voltage range from 4.5 V to 28 V and
integrates the main switch and synchronous
switch with very low RDS(ON) to minimize the
conduction loss.
The DIG69222 adopts the COT architecture to
achieve fast transient responses for high step
down applications and high efficiency at light
loads. In addition, it operates at pseudo-constant
frequency of 500 kHz under heavy load conditions
to minimize the size of inductor and capacitor.




Similar Part No. - DIG69222

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIG69200 DIOO-DIG69200 Datasheet
1Mb / 11P
DIG69200 High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.2
DIG69200TST6 DIOO-DIG69200TST6 Datasheet
1Mb / 11P
DIG69200 High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.2
More results


Similar Description - DIG69222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54202 TI1-TPS54202 Datasheet
967Kb / 26P
4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
LMR23625 TI1-LMR23625 Datasheet
159Kb / 9P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_16 Datasheet
2Mb / 37P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
Will Semiconductor Ltd.
WD1039EB WILLSEMI-WD1039EB Datasheet
1Mb / 10P
High Efficiency 2A continuous, 2.5A peak, 1MHz Synchronous Step Down Regulator
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com