Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9109 Datasheet (PDF) - Infinite Electronics International, Inc.

SC9109 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC9109
Download  SC9109 Download
File Size   319.35 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description N Male (Plug) Connector Crimp/Solder Attachment for RG58, RG141, RG303, 0.195 inch, LMR®-195, LMR®-195-FR Cable

SC9109 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC9109 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC9109
Download  SC9109 Click to download

File Size   319.35 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description N Male (Plug) Connector Crimp/Solder Attachment for RG58, RG141, RG303, 0.195 inch, LMR®-195, LMR®-195-FR Cable

SC9109 Datasheet (HTML) - Infinite Electronics International, Inc.


SC9109 Product details

Features
• Operating Frequency of 12 GHz Max.
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• Contact plating according to MIL-G-45204
• Applications
• General Purpose Test
• Custom Cable Assemblies
• Description
• Type N Male Connector Crimp/Solder Attachment for RG58, RG141, RG303, 0.195 inch, LMR®-195 and LMR®-195-FR Cable, part number
• SC9109, from Fairview Microwave is in-stock and ships same day. This type N male connector operates up to a maximum frequency of 12
• GHz and offers good VSWR of 1.3:1.
• Fairview's type N male connector SC9109 datasheet specifications and outline drawing are shown in this PDF below. Our extensive offering
• of RF, microwave and millimeter wave connectors allows designers to configure and customize their signal connections however they like.
• From providing an I/O for a board design to creating a custom cable assembly configuration, Fairview Microwave has a connector solution
• to meet your needs. Fairview Microwave also has the expertise to build your custom cable assemblies for you and ship them same-day.




Similar Part No. - SC9109

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9102C SILAN-SC9102C Datasheet
179Kb / 16P
TONE/PULSE DIALER WITH REDIAL FUNCTION
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Infinite Electronics In...
SC9103 FAIRVIEW-SC9103 Datasheet
27Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM STRIPPING DIMENSIONS N-M CRIMP RG8, RG213, RG11
REV A
SC9104 FAIRVIEW-SC9104 Datasheet
517Kb / 3P
N Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393 Cable
REV 2.1
SC9105 FAIRVIEW-SC9105 Datasheet
561Kb / 3P
N Male Connector Crimp/Solder Attachment For RG9, RG214, RG393, RG225 Cable
REV 2.1A
More results


Similar Description - SC9109

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44532 PASTERNACK-PE44532 Datasheet
206Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
PE44544 PASTERNACK-PE44544 Datasheet
210Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
PE44596 PASTERNACK-PE44596 Datasheet
221Kb / 3P
QN Male Connector Crimp/Solder Attachment For RG58, RG141, RG303
PE51167 PASTERNACK-PE51167 Datasheet
375Kb / 3P
NMO Mount Connector Crimp-Solder Attachment for RG58, LMR-195
PE4016 PASTERNACK-PE4016 Datasheet
558Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG58, PE-C195, LMR-195
PE44829 PASTERNACK-PE44829 Datasheet
260Kb / 3P
UHF Male Connector Solder Attachment For RG58, RG303, RG141, PE-C195, PE-P195, LMR-195
PE45138 PASTERNACK-PE45138 Datasheet
353Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment for RG58, RG303, LMR-195
PE45141 PASTERNACK-PE45141 Datasheet
349Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
PE45071 PASTERNACK-PE45071 Datasheet
485Kb / 5P
QN Male Connector Crimp/Solder Attachment for RG58, RG303, RG141, PE-C195, PE-P195, LMR-195
PE45140 PASTERNACK-PE45140 Datasheet
356Kb / 3P
SMA Male Connector Clamp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com