Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9124 Datasheet (PDF) - Infinite Electronics International, Inc.

SC9124 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC9124
Download  SC9124 Download
File Size   443.86 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description N Male Connector Crimp/Solder Attachment For RG316, RG174, RG188, 0.100 inch, LMR-100, LMR- 100A, LMR-100A-FR Cable

SC9124 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC9124 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC9124
Download  SC9124 Click to download

File Size   443.86 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description N Male Connector Crimp/Solder Attachment For RG316, RG174, RG188, 0.100 inch, LMR-100, LMR- 100A, LMR-100A-FR Cable

SC9124 Datasheet (HTML) - Infinite Electronics International, Inc.


SC9124 Product details

Features
• Operating Frequency
• of 3 GHz Max.
• Excellent VSWR of 1.25:1
• Gold Plated Beryllium
• Copper Contact
• Applications:
• General Purpose Test
• Custom Cable Assemblies




Similar Part No. - SC9124

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC91214 SILAN-SC91214 Datasheet
356Kb / 16P
T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
SC91215-A SILAN-SC91215-A Datasheet
356Kb / 16P
T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
SC91215-B SILAN-SC91215-B Datasheet
356Kb / 16P
T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
SC91215-C SILAN-SC91215-C Datasheet
356Kb / 16P
T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
SC91215-D SILAN-SC91215-D Datasheet
356Kb / 16P
T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
More results


Similar Description - SC9124

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44675 PASTERNACK-PE44675 Datasheet
253Kb / 3P
N Male Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, LMR-100, LMR-100A, LMR-100A-PVC, PE-B100, RG188
PE45136 PASTERNACK-PE45136 Datasheet
351Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment for RG316, RG174, LMR-100
PE45137 PASTERNACK-PE45137 Datasheet
345Kb / 3P
SMA Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
PE45142 PASTERNACK-PE45142 Datasheet
354Kb / 3P
SMA Male Connector Clamp/Solder Attachment for RG316, RG174, LMR-100
PE45143 PASTERNACK-PE45143 Datasheet
346Kb / 3P
TNC Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
PE44385 PASTERNACK-PE44385 Datasheet
327Kb / 3P
SSMA Female Connector Crimp/Solder Attachment for RG174, RG316, RG188, PE-B100, PE-C100, 0.100 inch, LMR-100
PE45316 PASTERNACK-PE45316 Datasheet
394Kb / 4P
BMA Plug Bulkhead Mount Slide-On Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100, LMR-100A
PE45319 PASTERNACK-PE45319 Datasheet
442Kb / 5P
BMA Jack Snap-On Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100, LMR-100A
PE45368 PASTERNACK-PE45368 Datasheet
387Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for LMR-100A, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, RG316
PE45382 PASTERNACK-PE45382 Datasheet
381Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, LMR-100A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com