Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4051 Datasheet (PDF) - STMicroelectronics

M54HC4051 Datasheet PDF - STMicroelectronics
Part # M54HC4051
Download  M54HC4051 Download
File Size   301.26 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL

M54HC4051 Datasheet (PDF)

Go To PDF Page Download Datasheet
M54HC4051 Datasheet PDF - STMicroelectronics

Part # M54HC4051
Download  M54HC4051 Click to download

File Size   301.26 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL

M54HC4051 Datasheet (HTML) - STMicroelectronics


M54HC4051 Product details

DESCRIPTION

The M54HC4051 is a single eight-channel analog MULTIPLEXER/DEMULTIPLEXER fabricated with silicon gate C2MOS technology and it is pin to pin compatible with the equivalent metal gate CMOS4000B series.

It contains 8 bidirectional and digitally controlled analog switches.

A built-in level shifting is included to allow an input range up to ±6V (peak) for an analog signal with digital control signal of 0 to 6V.

VEE supply pin is provided for analog input signals. It has an inhibit (INH) input terminal to disable all the switches when is at high level. For operation as a digital multiplexer/demultiplexer, VEE is connected to GND.

A, B and C control inputs select one channel out of eight.

All inputs are equipped with protection circuits against static discharge and transient excess voltage.



■ LOW POWER DISSIPATION:

   ICC = 4µA(MAX.) at TA=25°C

■ LOGIC LEVEL TRANSLATION TO ENABLE

   5V LOGIC SIGNAL TO COMMUNICATE WITH ±5V ANALOG SIGNAL

■ LOW "ON" RESISTANCE:

   70Ω TYP. (VCC - VEE = 4.5V)

   50Ω TYP. (VCC - VEE = 9V)

■ WIDE ANALOG INPUT VOLT. RANGE: ±6V

■ FAST SWITCHING:

   tpd = 15ns (TYP.) at TA = 25 °C

■ LOW CROSSTALK BETWEEN SWITCHES

■ HIGH ON/OFF OUTPUT VOLTAGE RATIO

■ WIDE OPERATING SUPPLY VOLTAGE RANGE (VCC - VEE) = 2V TO 12V

■ LOW SINE WAVE DISTORTION:

   0.02% at VCC - VEE = 9V

■ HIGH NOISE IMMUNITY:

   VNIH = VNIL = 28% VCC (MIN.)

■ PIN AND FUNCTION COMPATIBLE WITH 54 SERIES 4051

■ SPACE GRADE-1: ESA SCC QUALIFIED

■ 50 krad QUALIFIED, 100 krad AVAILABLE ON REQUEST

■ NO SEL UNDER HIGH LET HEAVY IONS IRRADIATION

■ DEVICE FULLY COMPLIANT WITH SCC-9408-064



 




Similar Part No. - M54HC4051

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4051 STMICROELECTRONICS-M54HC4051 Datasheet
289Kb / 12P
RAD-HARD SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
14-May-2004
M54HC4051 STMICROELECTRONICS-M54HC4051 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4051D STMICROELECTRONICS-M54HC4051D Datasheet
289Kb / 12P
RAD-HARD SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
14-May-2004
M54HC4051D STMICROELECTRONICS-M54HC4051D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4051D1 STMICROELECTRONICS-M54HC4051D1 Datasheet
289Kb / 12P
RAD-HARD SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
14-May-2004
More results


Similar Description - M54HC4051

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4351 STMICROELECTRONICS-M54HC4351 Datasheet
302Kb / 16P
ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Nov-1993
logo
Texas Instruments
74AC11139 TI-74AC11139 Datasheet
95Kb / 6P
DUAL 2-LINE DECODER/DEMULTIPLEXER
REVISED APRIL 1996
logo
ON Semiconductor
MC74AC139 ONSEMI-MC74AC139_06 Datasheet
182Kb / 11P
Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74HC139A ONSEMI-MC74HC139A_05 Datasheet
110Kb / 10P
Dual 1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74VHC139 ONSEMI-MC74VHC139 Datasheet
121Kb / 8P
Dual 2?뭪o?? Decoder/Demultiplexer
August, 2004 ??Rev. 3
MC74VHCT139A ONSEMI-MC74VHCT139A Datasheet
102Kb / 7P
Dual 2?뭪o?? Decoder/ Demultiplexer
January, 2006 ??Rev. 4
logo
Silan Microelectronics ...
SA6392 SILAN-SA6392 Datasheet
190Kb / 9P
4CHANNEL BTL DRIVER FOR CD PLAYERS
logo
ON Semiconductor
MC74AC139DG ONSEMI-MC74AC139DG Datasheet
176Kb / 11P
Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
ESD7554 ONSEMI-ESD7554 Datasheet
230Kb / 7P
4Channel DualVoltage Protection Array
November, 2010 ??Rev. 0
logo
Integrated Device Techn...
HXT5104A IDT-HXT5104A Datasheet
368Kb / 2P
4Channel 14Gbps VCSEL Driver
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com