Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35282 Datasheet (PDF) - MENDA

35282 Datasheet PDF - MENDA
Part # 35282
Download  35282 Download
File Size   531.37 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description durAstatic® Blue Dissipative Bottles

35282 Datasheet (PDF)

Go To PDF Page Download Datasheet
35282 Datasheet PDF - MENDA

Part # 35282
Download  35282 Click to download

File Size   531.37 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description durAstatic® Blue Dissipative Bottles

35282 Datasheet (HTML) - MENDA


35282 Product details

Description
• HDPE durAstatic® Bottles are dissipative and are designed to
protect your valuable static sensitive printed circuitry
• No migratory additives - reduces the chance for contamination from the bottle
• Embossed with ESD protective symbol, allowing people to immediately know the bottle is ESD protective
• Long lasting dissipative properties:
Rtt: 1 x 104 to <1 x 1011 ohms tested per ANSI/ESD STM11.12
<2 second charge decay, tested per IEC 61340-2-3:2016
• Dispenses approximately 0.2cc of liquid with each pump
• Genuine Menda “dish-type” liquid dispenser pumps and bottle one-handed operation dispensing small amount of liquid into top dish
• Genuine Made in the United States of America Menda pump and bottle - accept no substitutes




Similar Part No. - 35282

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35282 ETC2-35282 Datasheet
283Kb / 1P
Blue Dissipative Bottles
logo
Molex Electronics Ltd.
35282-0610 MOLEX4-35282-0610 Datasheet
143Kb / 3P
2.28mm (.090") Tab Wire-to-Wire Uniconn Housing, Male, 6 Circuits
35282-0810 MOLEX4-35282-0810 Datasheet
99Kb / 2P
2.28mm (.090") Tab Wire-to-Wire Uniconn Housing
35282-1290 MOLEX4-35282-1290 Datasheet
102Kb / 2P
2.28mm (.090") Tab Wire-to-Wire Uniconn Housing, Male, 12 Circuits
35282-1610 MOLEX4-35282-1610 Datasheet
116Kb / 2P
2.28mm (.090") Tab Wire-to-Wire Uniconn Housing, Male, 16 Circuits
More results


Similar Description - 35282

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
07405 ETC2-07405 Datasheet
227Kb / 1P
3 Ring Dissipative Binders without Pockets
16251 ETC2-16251 Datasheet
108Kb / 1P
STATFREE B MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 & .060
16260 ETC2-16260 Datasheet
51Kb / 2P
STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 (2.5MM)
14244 ETC2-14244 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
47511 ETC2-47511 Datasheet
67Kb / 1P
Dissipative Card Holder, With ESD Susceptibility Symbol
49109 ETC2-49109 Datasheet
35Kb / 1P
TRANSPARENT STATIC DISSIPATIVE (PINK POLY)
35276 ETC2-35276 Datasheet
245Kb / 1P
Yellow Dissipative Bottles
35282 ETC2-35282 Datasheet
283Kb / 1P
Blue Dissipative Bottles
47200 ETC-47200 Datasheet
531Kb / 1P
ESD DISSIPATIVE TURNTABLE
June 2016
logo
Bertech.
ESDFC-B-5 BERTECH-ESDFC-B-5 Datasheet
159Kb / 1P
Static Dissipative Finger Cots
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com