Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35653 Datasheet (PDF) - MENDA

35653 Datasheet PDF - MENDA
Part # 35653
Download  35653 Download
File Size   429.34 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description LOW CHARGING CABLE TIES

35653 Datasheet (PDF)

Go To PDF Page Download Datasheet
35653 Datasheet PDF - MENDA

Part # 35653
Download  35653 Click to download

File Size   429.34 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description LOW CHARGING CABLE TIES

35653 Datasheet (HTML) - MENDA


35653 Product details

Features
• D-Ring fastening is ideal for bundling trays and IC tubes
• Adjustable, releasable and reusable - easy to install
• Low charging meets ANSI/ESD S20.20 and ANSI/ESD S541
• Custom sizes available
• Operating Temperature: 300°F (149°C) max
• Melting Temperature: 459°F (237°C)
• Straps should be tested regularly to make sure they
retain their ESD properties
• Made in America




Similar Part No. - 35653

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
35653 MACOM-35653 Datasheet
73Kb / 1P
SPLICE, WIRE, CLOSED END
logo
List of Unclassifed Man...
35653 ETC2-35653 Datasheet
246Kb / 1P
LOW CHARGING CABLE TIES
More results


Similar Description - 35653

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35653 ETC2-35653 Datasheet
246Kb / 1P
LOW CHARGING CABLE TIES
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
Releasable Cable Ties
481-0500 ETC2-481-0500 Datasheet
118Kb / 2P
Identification Cable Ties
logo
3M Electronics
CT4BK18-C 3M-CT4BK18-C Datasheet
113Kb / 5P
3M??Cable Ties
logo
HellermannTyton.
151-16500 HELLERMANNTYTON-151-16500 Datasheet
173Kb / 3P
Cable Ties and Fixings
10/2017
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
logo
Heyco.
12864B HEYCO-12864B Datasheet
91Kb / 1P
Stainless Steel Cable Ties
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com