Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9142-A Datasheet (PDF) - Renesas Technology Corp

DA9142-A Datasheet PDF - Renesas Technology Corp
Part # DA9142-A
Download  DA9142-A Download
File Size   1384.7 Kbytes
Page   48 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Performance, 13 A/20 A Peak, DC-DC Converter

DA9142-A Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9142-A Datasheet PDF - Renesas Technology Corp

Part # DA9142-A
Download  DA9142-A Click to download

File Size   1384.7 Kbytes
Page   48 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Performance, 13 A/20 A Peak, DC-DC Converter

DA9142-A Datasheet (HTML) - Renesas Technology Corp


DA9142-A Product details

▪ 2.8 V to 5.5 V input voltage
▪ 0.5 V to 1.3 V output voltage
▪ Up to 20 A peak output current, 13 A continuous
output current
▪ 4 MHz nominal switching frequency
▪ Dual-phase operation
▪ 110 nH inductor per phase
▪ 110 μF output capacitor
▪ ±1% output voltage accuracy (static)
▪ ±5% load transient
▪ I2C-compatible interface (FM+)
▪ Programmable GPIOs
▪ Programmable soft startup
▪ Voltage, current, and temperature supervision
▪ Automotive Grade 1
▪ 60 FC-BGA 4.5 mm x 7 mm (0.65 mm pitch)
▪ 130 mm2 total solution area
▪ AEC-Q100 qualified




Similar Part No. - DA9142-A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9142-A DIALOG-DA9142-A Datasheet
1Mb / 46P
High-Performance, 13 A/20 A Peak, DC-DC Converter
logo
Renesas Technology Corp
DA9142-A RENESAS-DA9142-A Datasheet
1Mb / 51P
High-Performance, 13 A/20 A Peak, DC-DC Converter for Automotive Applications
28-Jan-2022
More results


Similar Description - DA9142-A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9141 DIALOG-DA9141 Datasheet
1Mb / 46P
High-Performance, 25 A/40 A Peak, DC-DC Converter
DA9141-A DIALOG-DA9141-A Datasheet
1Mb / 46P
High-Performance, 25 A/40 A Peak, DC-DC Converter
DA9142 DIALOG-DA9142 Datasheet
1Mb / 46P
High-Performance, 13 A/20 A Peak, DC-DC Converter
DA9142-A DIALOG-DA9142-A Datasheet
1Mb / 46P
High-Performance, 13 A/20 A Peak, DC-DC Converter
logo
Bel Fuse Inc.
YEV09T20 BEL-YEV09T20 Datasheet
811Kb / 12P
20 A DC-DC POL Converter
logo
Renesas Technology Corp
DA9121 RENESAS-DA9121 Datasheet
1Mb / 53P
High-Performance, 10 A, Dual-Phase DC-DC Converter
15-Feb-2022
DA9141-A RENESAS-DA9141-A Datasheet
1Mb / 51P
High-Performance, 25 A/40 A Peak, DC-DC Converter for Automotive Applications
28-Jan-2022
DA9141 RENESAS-DA9141 Datasheet
1Mb / 51P
High-Performance, 25 A/40 A Peak, DC-DC Converter
28-Jan-2022
DA9142-A RENESAS-DA9142-A Datasheet
1Mb / 51P
High-Performance, 13 A/20 A Peak, DC-DC Converter for Automotive Applications
28-Jan-2022
DA9142 RENESAS-DA9142 Datasheet
1Mb / 52P
High-Performance, 13 A/20 A Peak, DC-DC Converter
28-Jan-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com