Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G04 Datasheet (PDF) - Diodes Incorporated

74LVC2G04 Datasheet PDF - Diodes Incorporated
Part # 74LVC2G04
Download  74LVC2G04 Download
File Size   466.31 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL INVERTERS

74LVC2G04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC2G04 Datasheet PDF - Diodes Incorporated

Part # 74LVC2G04
Download  74LVC2G04 Click to download

File Size   466.31 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL INVERTERS

74LVC2G04 Datasheet (HTML) - Diodes Incorporated


74LVC2G04 Product details

Description
The 74LVC2G04 is a dual inverter gate with standard push-pull
outputs. The device is designed for operation with a power supply
range of 1.65V to 5.5V. The inputs are tolerant to 5.5V allowing this
device to be used in a mixed voltage environment. The device is
fully specified for partial power down applications using IOFF. The
IOFF circuitry disables the output preventing damaging current
backflow when the device is powered down.
The gate performs the positive Boolean function:

Features
 Wide Supply Voltage Range from 1.65V to 5.5V
 ±24mA Output Drive at 3.0V
 CMOS Low Power Consumption
 IOFF Supports Partial-Power-Down Mode Operation
 Inputs Accept up to 5.5V
 ESD Protection Tested per JESD 22
 Exceeds 200-V Machine Model (A115)
 Exceeds 2000-V Human Body Model (A114)
 Exceeds 1000-V Charged Device Model (C101)
 Latch-Up Exceeds 100mA per JESD 78, Class I
 DFN1409 package designed as a direct replacement for chip
scale packaging.
 Range of Package Options SOT26, SOT363, X1-DFN1010-6,
X2-DFN1010-6, X2-DFN1409-6, and X2-DFN1410-6
 Leadless Packages Named per JESD30E
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)

Applications
 Voltage Level Shifting
 General Purpose Logic
 Power Down Signal Isolation
 Wide array of products such as:
 PCs, Networking, Notebooks, Netbooks, Tablets
 Computer Peripherals, Hard Drives, SSD,
CD/DVD ROM
 TV, DVD, DVR, Set-Top Box
 Cell Phones, Personal Navigation / GPS
 MP3 Players, Cameras, Video Recorders




Similar Part No. - 74LVC2G04

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
74LVC2G04 PANASONIC-74LVC2G04 Datasheet
85Kb / 14P
Dual inverter
logo
NXP Semiconductors
74LVC2G04 NXP-74LVC2G04 Datasheet
84Kb / 14P
Dual inverter
Rev. 04-25 July 2007
logo
Diodes Incorporated
74LVC2G04 DIODES-74LVC2G04 Datasheet
226Kb / 12P
DUAL INVERTER GATE
Rev 3
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
Dual inverter
Rev. 12 - 26 January 2022
logo
TECH PUBLIC Electronics...
74LVC2G04 TECHPUBLIC-74LVC2G04 Datasheet
1Mb / 6P
Dual Inverter
More results


Similar Description - 74LVC2G04

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W04F TOSHIBA-TC7W04F Datasheet
212Kb / 7P
2 INVERTERS
logo
Renesas Technology Corp
HD74LV2G04A RENESAS-HD74LV2G04A Datasheet
85Kb / 9P
Triple Inverters
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
HEX INVERTERS
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
HEX INVERTERS
SN74HCU7204 TI1-SN74HCU7204 Datasheet
164Kb / 9P
DUAL INVERTERS
logo
Diodes Incorporated
74AUP2G14 DIODES-74AUP2G14 Datasheet
427Kb / 12P
DUAL SCHMITT TRIGGER INVERTERS
Rev 4
74AUP2G06 DIODES-74AUP2G06 Datasheet
440Kb / 12P
DUAL INVERTERS WITH OPEN DRAIN OUTPUTS
Rev 4
74AUP2G04 DIODES-74AUP2G04 Datasheet
426Kb / 12P
DUAL INVERTERS
Rev 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com