Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EG8010 Datasheet (PDF) - Jingjing Microelectronics Co., Ltd

EG8010 Datasheet PDF - Jingjing Microelectronics Co., Ltd
Part # EG8010_V01
Download  EG8010 Download
File Size   840.63 Kbytes
Page   20 Pages
Manufacturer  EGMICRO [Jingjing Microelectronics Co., Ltd]
Direct Link  http://www.egmicro.com/
Logo EGMICRO - Jingjing Microelectronics Co., Ltd
Description Single Phase Sinusoid Inverter ASIC

EG8010 Datasheet (PDF)

Go To PDF Page Download Datasheet
EG8010 Datasheet PDF - Jingjing Microelectronics Co., Ltd

Part # EG8010_V01
Download  EG8010 Click to download

File Size   840.63 Kbytes
Page   20 Pages
Manufacturer  EGMICRO [Jingjing Microelectronics Co., Ltd]
Direct Link  http://www.egmicro.com/
Logo EGMICRO - Jingjing Microelectronics Co., Ltd
Description Single Phase Sinusoid Inverter ASIC

EG8010 Datasheet (HTML) - Jingjing Microelectronics Co., Ltd


EG8010 Product details

Features
+5V single supply
4 settingsofoutput frequency can set by 2 pins
 50Hz constant frequency sine-wave
 60Hz constant frequency sine-wave
 0-100Hzadjustable frequency sine-wave
 0-400Hz adjustable frequency sine-wave
2 modulation modes can set by1 pin
 Unipolar modulation
 Bipolar modulation
4 settings of dead time can set by 2 pins
 300nS
 500nS
 1.0uS
 1.5uS
External 12MHz crystal oscillator
23.4KHz Modulation frequency
Output Voltage Current Temperature detect and handle
3 seconds soft start can select by 1 pin
USART communication support
Voltage Current Temperature Frequency Display support by external LCD
Parameters and functions customize support

Description
EG8010 is a digital pure sine wave inverter ASIC (Application Specific Integrated Circuit) with
complete function of built-in dead time control. It applies to DC-DC-AC two stage power converter
system or DC-AC single stage low power frequency transformer system for boosting. EG8010 can
achieve 50/60Hz pure sine wave with high accuracy, low harmonic and distortion by external
12MHz crystal oscillator. EG8010 is a CMOS IC that integrates SPWM sinusoid generator, dead
time control circuit, range divider,soft start circuit, circuit protection, RS232 serial communication,
12832 serial LCD unit, and etc.

Application
Single-Phase sinusoid inverter
Solar power generation inverter
Wind power generation inverter
UPS(Uninterruptible power supply)
Digital Generator
Medium frequency power supply
Single-phase motor speed controller
Single-phase frequency transformer




Similar Part No. - EG8010_V01

ManufacturerPart #DatasheetDescription
logo
Jingjing Microelectroni...
EG8010 EGMICRO-EG8010 Datasheet
1Mb / 20P
Single-phase SPWM inverter
More results


Similar Description - EG8010_V01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATL25 ATMEL-ATL25 Datasheet
232Kb / 14P
ASIC
logo
Semikron International
IGD-8-426-E1F12-BH-FA SEMIKRON-IGD-8-426-E1F12-BH-FA Datasheet
2Mb / 5P
Three-phase inverter
IGD-1-424-P1N4-DL-FA SEMIKRON-IGD-1-424-P1N4-DL-FA Datasheet
409Kb / 6P
3-phase inverter
IGD-4-424-P1F7-BL-FA SEMIKRON-IGD-4-424-P1F7-BL-FA Datasheet
495Kb / 5P
Three phase inverter
logo
Jingjing Microelectroni...
EG8010 EGMICRO-EG8010 Datasheet
1Mb / 20P
Single-phase SPWM inverter
EG8011 EGMICRO-EG8011 Datasheet
1Mb / 17P
Single-phase SPWM inverter
EGS002 EGMICRO-EGS002 Datasheet
4Mb / 6P
Sinusoid Inverter Driver Board
logo
Good Will Instrument Co...
PEK-110 GWINSTEK-PEK-110 Datasheet
1Mb / 2P
SINGLE-PHASE INVERTER DEVELOPERS KIT
logo
ON Semiconductor
NXV08A170DB2 ONSEMI-NXV08A170DB2 Datasheet
400Kb / 12P
Single Phase Inverter Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NXV08A170DB2 ONSEMI-NXV08A170DB2_V01 Datasheet
417Kb / 12P
Single Phase Inverter Automotive Power MOSFET Module
January, 2023 - Rev. 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com