Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35730 Datasheet (PDF) - MENDA

35730 Datasheet PDF - MENDA
Part # 35730
Download  35730 Download
File Size   1567.77 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description durAstatic® Dissipative Bottles with GHS Label

35730 Datasheet (PDF)

Go To PDF Page Download Datasheet
35730 Datasheet PDF - MENDA

Part # 35730
Download  35730 Click to download

File Size   1567.77 Kbytes
Page   1 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description durAstatic® Dissipative Bottles with GHS Label

35730 Datasheet (HTML) - MENDA


35730 Product details

Description
• High density polyethylene (HDPE) durAstatic® bottles are dissipative
and designed to protect your valuable static sensitive printed circuitry
• Right-to-Know (RTK) labels inform employees of chemical hazards, as required
by OSHA’s Federal Hazard Communication Standard 29 CFR 1910.1200
• No migratory additives - reduces the chance for contamination from the bottle
• Embossed with ESD protective symbol, allowing people to immediately know the bottle is ESD
protective
• Long lasting dissipative properties:
Rtt: 1 x 104 to <1 x 1011 ohms tested per ANSI/ESD STM11.12
<2 second charge decay, tested per IEC 61340-2-3:2016
• Dispenses approximately 0.2cc of liquid with each pump
• Compatible with any 38-400 threaded neck pump or cap
• Genuine Menda “dish-type” liquid dispenser pumps and bottle one-handed operation dispensing
small amount of liquid into top dish
• Genuine Made in the United States of America Menda pump and bottle - accept no substitutes




Similar Part No. - 35730

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35730-2900 MOLEX5-35730-2900 Datasheet
75Kb / 2P
3.56mm (.140") Diameter Pin Receptacle Terminal, Brass, 0.35mm (.138") Thickness, Wire Range 14-20 AWG (2.00-0.52mm짼), Unplated
35730-3000 MOLEX5-35730-3000 Datasheet
86Kb / 2P
3.96mm (.156") Diameter Pin Terminal, Brass, 0.50mm (.020") Thickness, Wire Range 14-20 AWG (2.00-0.52mm짼), Unplated
35730-3010 MOLEX5-35730-3010 Datasheet
85Kb / 2P
3.96mm (.156") Diameter Pin Terminal, Brass, 0.50mm (.020") Thickness, Wire Range 14-20 AWG (2.00-0.52mm짼), Post-Tin Plated
35730-3030 MOLEX5-35730-3030 Datasheet
86Kb / 2P
3.96mm (.156") Diameter Pin Terminal, Brass, 0.50mm (.020") Thickness, Wire Range 14-20 AWG (2.00-0.52mm짼), Au Plated
35730-3100 MOLEX5-35730-3100 Datasheet
92Kb / 2P
3.96mm (.156") Diameter Pin Terminal, Brass, 0.40mm (.016") Thickness, Wire Range 14-20 AWG (2.00-0.52mm짼), Unplated
More results


Similar Description - 35730

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
14244 ETC2-14244 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
47511 ETC2-47511 Datasheet
67Kb / 1P
Dissipative Card Holder, With ESD Susceptibility Symbol
49109 ETC2-49109 Datasheet
35Kb / 1P
TRANSPARENT STATIC DISSIPATIVE (PINK POLY)
KE325 ETC2-KE325 Datasheet
97Kb / 2P
LDPE bottle and swan-neck spout made with and durAstatic technology
35276 ETC2-35276 Datasheet
245Kb / 1P
Yellow Dissipative Bottles
35282 ETC2-35282 Datasheet
283Kb / 1P
Blue Dissipative Bottles
logo
PHOENIX CONTACT
1309765 PHOENIX-1309765 Datasheet
48Kb / 2P
Label - EV-LABEL-L
logo
List of Unclassifed Man...
47200 ETC-47200 Datasheet
531Kb / 1P
ESD DISSIPATIVE TURNTABLE
June 2016
logo
Bertech.
ESDFC-B-5 BERTECH-ESDFC-B-5 Datasheet
159Kb / 1P
Static Dissipative Finger Cots
logo
Lapp.
LCK LAPP-LCK Datasheet
924Kb / 4P
FLEXIMARK® Wrapping label LCK
06.12.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com