Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA1188 Datasheet (PDF) - ETA SOLUTIONS CO. LIMITED

ETA1188 Datasheet PDF - ETA SOLUTIONS CO. LIMITED
Part # ETA1188
Download  ETA1188 Download
File Size   769.72 Kbytes
Page   13 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description 10A Input, 9V/3A or 12V/2A Output BOOST Converter with True-Shutoff

ETA1188 Datasheet (PDF)

Go To PDF Page Download Datasheet
ETA1188 Datasheet PDF - ETA SOLUTIONS CO. LIMITED

Part # ETA1188
Download  ETA1188 Click to download

File Size   769.72 Kbytes
Page   13 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description 10A Input, 9V/3A or 12V/2A Output BOOST Converter with True-Shutoff

ETA1188 Datasheet (HTML) - ETA SOLUTIONS CO. LIMITED


ETA1188 Product details

DESCRIPTION
ETA1188 is a high power, high-efficiency, synchronous boost that can output up to 27W of power. With integrated high power MOSEFTs, it comfortably delivers 9V/3A output from a wide range of input voltage. It also integrates an output short protection MOSEFT on chip to provide over current protection and true-shutoff function. With its tiny package of QFN3x3-20, it sports a small footprint which makes it an ideal all-in-one solution for high power boost applications.
The ETA1188 features a programmable output current limit, configurable by a resistor connected from ISET pin to GND. Output voltage can also be programmed by a resistor divider from VOUT to FB to GND. Furthermore, besides external configuration, ETA1188can also be communicated through an I2C protocol to configure the current limit and output voltage internally, making it suitable for Power Delivery or Quick Charge applications.
The ETA1188 is available in QFN33-20FC package.

FEATURES
 High Power: 9V/3A
 High efficiency: Up to 93% at 9V/3A
 Wide Input Supply Range, 2.7V to 12V
 Wide Output Voltage Range, 3.6V to 12V
 True Shutoff with 20mΩ n-Channel Pass Device
 Low Shutdown Current:2μA
 High Efficiency at Light Load
 Programmable current limit, output voltage by resistor or I2C
 Accurate Output Current with CC Loop Regulation
 Cycle by Cycle Current Limit is up to 12A
 Small footprint: 20-pin 3mm × 3mm Flip Chip QFN Package

APPLICATIONS
 Quick Charge Mobile Power
 Bluetooth Speaker Supply
 Thunderbolt Interface
 Electronic cigarette package.




Similar Part No. - ETA1188

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1165 ETA-ETA1165 Datasheet
195Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
ETA1165S2G-T ETA-ETA1165S2G-T Datasheet
195Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
ETA1168 ETA-ETA1168 Datasheet
219Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
ETA1168D2G-T ETA-ETA1168D2G-T Datasheet
219Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
More results


Similar Description - ETA1188

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640DT-I MICROCHIP-MCP1640DT-I Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
logo
Linear Technology
LTC3421 LINER-LTC3421_15 Datasheet
245Kb / 16P
3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Seaward Electronics Inc...
SE3608 SEAWARD-SE3608 Datasheet
337Kb / 8P
2A/1.2Mhz Output Current, Boost Converter
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP1663 MICROCHIP-MCP1663 Datasheet
429Kb / 32P
MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board
01/27/15
logo
Maxim Integrated Produc...
MAX17227A MAXIM-MAX17227A_V01 Datasheet
618Kb / 22P
400mV to 5.5V Input, 2A nanoPower Boost Converter with Short-Circuit Protection and True Shutdown
Rev 2, 7/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com