Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35470 Datasheet (PDF) - MENDA

35470 Datasheet PDF - MENDA
Part # 35470
Download  35470 Download
File Size   465.37 Kbytes
Page   5 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description Series II Fume Extraction System

35470 Datasheet (PDF)

Go To PDF Page Download Datasheet
35470 Datasheet PDF - MENDA

Part # 35470
Download  35470 Click to download

File Size   465.37 Kbytes
Page   5 Pages
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description Series II Fume Extraction System

35470 Datasheet (HTML) - MENDA


35470 Product details

Features
• Efficient motor with “soft-start” feature
• Optional, remote Start/Stop switch
• Audible alarm to indicate blocked filters
• Low noise level <55 dba
• High suction force and airflow
• Compact and portable
• Standard Filter Efficiency at 95% (35474)
• Connects to 50mm (2") or 63mm(2.5") hoses or exhaust arms
• ESD safe housing
• Optional HEPA Filter Available (35472)
• Optional Gas Filter Available (35473)




Similar Part No. - 35470

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
35470 ALPHAWIRE-35470 Datasheet
394Kb / 4P
20 (7/28) AWG Tinned Copper
35470-25 ALPHAWIRE-35470-25 Datasheet
395Kb / 4P
20 (7/28) AWG Tinned Copper
35470/15 ALPHAWIRE-35470/15 Datasheet
98Kb / 4P
Customer Specification
12/5/2022
35470/20 ALPHAWIRE-35470/20 Datasheet
98Kb / 4P
Customer Specification
12/13/2022
logo
Littelfuse
354700 LITTELFUSE-354700 Datasheet
662Kb / 2P
OMNI-BLOK® Molded Base Fuse Block for 3AB/3AG Fuses
02/08/23
More results


Similar Description - 35470

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-03-0001 MOLEX11-11-03-0001 Datasheet
25Kb / 1P
Extraction Tool
11-03-0046 MOLEX11-11-03-0046 Datasheet
25Kb / 1P
Extraction Tool
logo
Linear Dimensions Semic...
LNDA003-PEAL LINEAR_DIMENSIONS-LNDA003-PEAL Datasheet
245Kb / 1P
PEAL Signal Extraction System (PATENTS PENDING)
logo
3M Electronics
EXII-ASIC-C 3M-EXII-ASIC-C Datasheet
118Kb / 4P
EX II Series Capacitive Touch System Electronics
by
logo
Molex Electronics Ltd.
63813-3501 MOLEX11-63813-3501 Datasheet
35Kb / 1P
Extraction Tool for RCM Connector System
0638245700 MOLEX11-0638245700 Datasheet
47Kb / 1P
Extraction Tool for CTX50 Sealed Contacts for Mini50 Connection System
0638133501 MOLEX-0638133501 Datasheet
37Kb / 2P
Extraction Tool for RCM Connector System
11/02/2021
0638246300 MOLEX-0638246300 Datasheet
66Kb / 11P
Extraction Toolkit for MXP120 Sealed Connection System
08/26/2022
0638247500 MOLEX-0638247500 Datasheet
42Kb / 2P
Extraction Tool for CTX50 Contacts for Mini50 Sealed Connection System
08/26/2022
2002220100 MOLEX-2002220100 Datasheet
28Kb / 1P
Extraction Tool for stAK50h Connector System
08/25/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com