Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33883 Datasheet (PDF) - Freescale Semiconductor, Inc

33883 Datasheet PDF - Freescale Semiconductor, Inc
Part # 33883
Download  33883 Download
File Size   478.72 Kbytes
Page   21 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description H-Bridge Gate Driver IC

33883 Datasheet (PDF)

Go To PDF Page Download Datasheet
33883 Datasheet PDF - Freescale Semiconductor, Inc

Part # 33883
Download  33883 Click to download

File Size   478.72 Kbytes
Page   21 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description H-Bridge Gate Driver IC

33883 Datasheet (HTML) - Freescale Semiconductor, Inc


33883 Product details

Features
VCC operating voltage range from 5.5 V up to 55 V
VCC2 operating voltage range from 5.5 V up to 28 V
CMOS / LSTTL compatible I / O
1.0 A peak gate driver current
Built-in high side charge pump
Under-voltage lockout (UVLO)
Over-voltage lockout (OVLO)
Global enable with <10 A Sleep mode
Supports PWM up to 100 kHz




Similar Part No. - 33883

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33883 FREESCALE-33883 Datasheet
536Kb / 21P
H-Bridge Gate Driver IC
More results


Similar Description - 33883

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33883 MOTOROLA-MC33883 Datasheet
556Kb / 20P
H-Bridge Gate Driver IC
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
H-Bridge Driver IC
Rev 2.2 2006-01-30
TLE6284G INFINEON-TLE6284G Datasheet
261Kb / 15P
H-Bridge Driver IC
2006-01-30
logo
Freescale Semiconductor...
33883 FREESCALE-33883 Datasheet
536Kb / 21P
H-Bridge Gate Driver IC
logo
Infineon Technologies A...
TLE6284G INFINEON-TLE6284G_08 Datasheet
299Kb / 17P
H-Bridge Driver IC
Rev 2.4 2008-03-18
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
H-BRIDGE MOTOR DRIVER IC
logo
Freescale Semiconductor...
MC33883 FREESCALE-MC33883_12 Datasheet
617Kb / 21P
H-Bridge Gate Driver IC
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
DUAL H-BRIDGE DRIVER IC
logo
Texas Instruments
DRV8702-Q1 TI1-DRV8702-Q1 Datasheet
127Kb / 6P
Automotive H-Bridge Gate Driver
logo
Toshiba Semiconductor
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
DUAL H-BRIDGE DRIVER IC
2017-04-10
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com