Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT16VDDF6464H Datasheet (PDF) - Micron Technology

MT16VDDF6464H Datasheet PDF - Micron Technology
Part # MT16VDDF6464H
Download  MT16VDDF6464H Download
File Size   551.74 Kbytes
Page   31 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description SMALL-OUTLINE DDR SDRAM DIMM

MT16VDDF6464H Datasheet (PDF)

Go To PDF Page Download Datasheet
MT16VDDF6464H Datasheet PDF - Micron Technology

Part # MT16VDDF6464H
Download  MT16VDDF6464H Click to download

File Size   551.74 Kbytes
Page   31 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description SMALL-OUTLINE DDR SDRAM DIMM

MT16VDDF6464H Datasheet (HTML) - Micron Technology


MT16VDDF6464H Product details

General Description
The MT16VDDF6464H and MT16VDDF12864H are high-speed CMOS, dynamic random-access, 512MB and 1GB memory modules organized in a x64 configuration. These modules use internally configured quadbank DRAM devices.

Features
• 200-pin, small-outline, dual in-line memory module (SODIMM)
• Fast data transfer rates: PC1600, PC2100, and PC2700
• Utilizes 200 MT/s, 266 MT/s, or 333 MT/s DDR SDRAM components
• 512MB (64 Meg x 64), 1GB (128 Meg x 64)
• VDD = VDDQ = +2.5V
• VDDSPD = +2.3V to +3.6V
• 2.5V I/O (SSTL_2 compatible)
• Commands entered on each positive CK edge
• DQS edge-aligned with data for READs; centeraligned with data for WRITEs
• Internal, pipelined double data rate (DDR) architecture; two data accesses per clock cycle
• Bidirectional data strobe (DQS) transmitted/ received with data—i.e., source-synchronous data capture
• Differential clock inputs CK and CK#
• Four internal device banks for concurrent operation
• Programmable burst lengths: 2, 4, or 8
• Auto precharge option
• Auto Refresh and Self Refresh Modes
• 7.8125µs maximum average periodic refresh interval
• Serial Presence Detect (SPD) with EEPROM
• Programmable READ CAS latency
• Gold edge contacts




Similar Part No. - MT16VDDF6464H

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT16VDDF6464H MICRON-MT16VDDF6464H Datasheet
654Kb / 15P
DDR SDRAM SODIMM
MT16VDDF6464HG-40B MICRON-MT16VDDF6464HG-40B Datasheet
654Kb / 15P
DDR SDRAM SODIMM
MT16VDDF6464HI-335 MICRON-MT16VDDF6464HI-335 Datasheet
654Kb / 15P
DDR SDRAM SODIMM
MT16VDDF6464HY-265 MICRON-MT16VDDF6464HY-265 Datasheet
654Kb / 15P
DDR SDRAM SODIMM
MT16VDDF6464HY-335 MICRON-MT16VDDF6464HY-335 Datasheet
654Kb / 15P
DDR SDRAM SODIMM
More results


Similar Description - MT16VDDF6464H

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9VDDT1672A MICRON-MT9VDDT1672A Datasheet
542Kb / 29P
DDR SDRAM DIMM
logo
Hynix Semiconductor
HYMD212G726ALS4-M HYNIX-HYMD212G726ALS4-M Datasheet
267Kb / 16P
Registered DDR SDRAM DIMM
HYMD232G726L8-K HYNIX-HYMD232G726L8-K Datasheet
241Kb / 16P
Registered DDR SDRAM DIMM
HYMD264G726BF4-J HYNIX-HYMD264G726BF4-J Datasheet
185Kb / 16P
Registered DDR SDRAM DIMM
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
Registered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
Unbuffered DDR SDRAM DIMM
logo
Micron Technology
MT5VDDT1672HG MICRON-MT5VDDT1672HG Datasheet
301Kb / 16P
DDR SDRAM Small-Outline DIMM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com