Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC3906X Datasheet (PDF) - Globaltech Semiconductor Co.,Ltd

DC3906X Datasheet PDF - Globaltech Semiconductor Co.,Ltd
Part # DC3906X
Download  DC3906X Download
File Size   536.4 Kbytes
Page   7 Pages
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd
Description 30V N-Channel MOSFETs

DC3906X Datasheet (PDF)

Go To PDF Page Download Datasheet
DC3906X Datasheet PDF - Globaltech Semiconductor Co.,Ltd

Part # DC3906X
Download  DC3906X Click to download

File Size   536.4 Kbytes
Page   7 Pages
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd
Description 30V N-Channel MOSFETs

DC3906X Datasheet (HTML) - Globaltech Semiconductor Co.,Ltd


DC3906X Product details

Product Description
These N-Channel enhancement mode power field
effect transistors are using trench DMOS
technology. This advanced technology has been
especially tailored to minimize on-state resistance,
provide superior switching performance, and
withstand high energy pulse in the avalanche and
commutation mode.
These devices are well suited for high efficiency
fast switching applications.

Features
30V, 80A, RDS(ON)=5.5mΩ@VGS=10V
Improved dv/dt capability
Fast switching
100% EAS guaranteed
Green Device Available
DFN5X6-8L package design

Applications
MB / VGA / Vcore
POL Applications
SMPS 2nd SR




Similar Part No. - DC3906X

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
DC3908 POTENS-DC3908 Datasheet
932Kb / 5P
30V N-Channel MOSFETs
Ver.1.03
More results


Similar Description - DC3906X

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK3904 FS-FTK3904 Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3904Z FS-FTK3904Z Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3906 FS-FTK3906 Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3908P FS-FTK3908P Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3910DFN22 FS-FTK3910DFN22 Datasheet
978Kb / 5P
30V N-Channel MOSFETs
FTK3960DD FS-FTK3960DD Datasheet
917Kb / 5P
30V N-Channel MOSFETs
FTK3960DFN56 FS-FTK3960DFN56 Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3984DFN56 FS-FTK3984DFN56 Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3010HNN FS-FTK3010HNN Datasheet
1Mb / 9P
30V N-Channel MOSFETs
FTK3810HNN FS-FTK3810HNN Datasheet
1Mb / 9P
30V N-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com