Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2950 Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM2950 Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM2950_V01
Download  LM2950 Download
File Size   210.48 Kbytes
Page   4 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 100mA LOW DROPOUT VOLTAGE REGULATORS

LM2950 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2950 Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM2950_V01
Download  LM2950 Click to download

File Size   210.48 Kbytes
Page   4 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 100mA LOW DROPOUT VOLTAGE REGULATORS

LM2950 Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


LM2950 Product details

FEATURES
● High accuracy output voltage
● Guaranteed 100 mA output
● Very low quiescent current
● Extremely tight load and line regulation
● Very low temperature coefficient
● Current and thermal limiting
● Low dropout voltage
● Need only 1uF for stability
● Error flag warns of output dropout
● Logi-control electronic shutdown
● Output programmable from 1.24 to 29V
● Moisture Sensitivity Level 3

Applications
● High-efficiency linear regulator, voltage reference
● Battery powered systems
● Portable consumer equipment
● Portable / Parm, Desktop / Notebook computers
● Portable Instrumentation, cordless telephones
● Automotive Electronics, Radio control systems
● SMPS Post-Regulator, Avionics

DESCRIPTION
The LM2950/1 is a low power voltage regulator. This device excellent choice for use in battery powered
application such as cordless telephone, radio control systems, and portable computers.
The LM2950/1 features very low quiescent current (75㎂ Typ.) and very low drop output voltage
(Typ. 400㎷ at light load and 380㎷ at 100㎃).
This includes a tight initial tolerance of 0.5% Typ., extremely good load and line regulation of 0.05% Typ.,
and very low output temperature coefficient, making the LM2950/1 useful as a low-power voltage reference.
The error flag output feature is used as power-on reset for warn of a low output voltage, due to
following batteries on input. Other feature is the logic-compatible shutdown input which enable the
regulator to be switched on and off. The LM2950/1 is available in 8-pin plastic packages.
The regulator output voltage may be pin-strapped for a -XX volt or programmed from 1.24 volt to 29 volts
with external pair of resistors. The LM2950/1 is offered in 3-pin to-92 package compatible with other
fixed regulator.




Similar Part No. - LM2950_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM2950L-2.85 ETC-LM2950L-2.85 Datasheet
99Kb / 3P
0.1A LOW DROPOUT VOLTAGE REGULATORS
LM2950L-3.0 ETC-LM2950L-3.0 Datasheet
99Kb / 3P
0.1A LOW DROPOUT VOLTAGE REGULATORS
LM2950L-3.3 ETC-LM2950L-3.3 Datasheet
99Kb / 3P
0.1A LOW DROPOUT VOLTAGE REGULATORS
LM2950L-5.0 ETC-LM2950L-5.0 Datasheet
99Kb / 3P
0.1A LOW DROPOUT VOLTAGE REGULATORS
More results


Similar Description - LM2950_V01

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
LP2950 CALOGIC-LP2950 Datasheet
140Kb / 10P
100mA Low Dropout Voltage Regulators
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
Dual, Low-Dropout, 100mA Linear Regulators
logo
Cystech Electonics Corp...
PL2950-XXA3 CYSTEKEC-PL2950-XXA3 Datasheet
198Kb / 3P
100mA Low Dropout Voltage Regulators
PL2951-XXQ8 CYSTEKEC-PL2951-XXQ8 Datasheet
209Kb / 5P
100mA Low Dropout Voltage Regulators
logo
Sipex Corporation
LP2950 SIPEX-LP2950_07 Datasheet
812Kb / 15P
100mA Low Dropout Voltage Regulators
logo
Linear Dimensions Semic...
LND2950 LINEAR_DIMENSIONS-LND2950 Datasheet
137Kb / 5P
100mA Low Dropout Voltage Regulators
logo
Exar Corporation
LP2950 EXAR-LP2950 Datasheet
835Kb / 16P
100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2930 HTC-LM2930 Datasheet
138Kb / 4P
100mA LOW DROPOUT VOLTAGE REGULATORS
LM2950 HTC-LM2950 Datasheet
172Kb / 4P
100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM2950 GAMMA-GM2950 Datasheet
445Kb / 10P
100mA, LOW DROPOUT VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com