Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F11307 Datasheet (PDF) - United Automation Ltd. All rights reserved

F11307 Datasheet PDF - United Automation Ltd. All rights reserved
Part # F11307
Download  F11307 Download
File Size   462.09 Kbytes
Page   2 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 25A - 110 / 230V AC Variable Burst Fired AC Regulator

F11307 Datasheet (PDF)

Go To PDF Page Download Datasheet
F11307 Datasheet PDF - United Automation Ltd. All rights reserved

Part # F11307
Download  F11307 Click to download

File Size   462.09 Kbytes
Page   2 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 25A - 110 / 230V AC Variable Burst Fired AC Regulator

F11307 Datasheet (HTML) - United Automation Ltd. All rights reserved


F11307 Product details

KEY FEATURES:
 Integrated High-Speed Fuse: Ensures reliable protection and operation.
 Built-In Heatsink & Mounting Plate: Facilitates efficient heat dissipation and easy installation.
 Radio Frequency Interference (RFI) Free: Delivers clean, interference-free operation.
 Single-Entry Cable Gland: Simplifies wiring and installation.
 Control Knob and Dial Supplied: Provides user-friendly control.
 110V or 230V Models Available: Versatile voltage options for various applications.
 Variable Duty Cycle Range 1-30s: Adjustable by duty cycle trimmer for precise control.
 Rapid Burst Fire Mode: Achievable with duty cycle trimmer fully anti-clockwise.
APPLICATIONS:
The BVR-25 series is ideal for a wide array of resistance heaters including: ovens, electric furnaces, moulders, dryers, smelters, heating tapes, stress-relieving equipment, space heating, and heating mantles.
Please note, this unit is not suitable for lighting and inductive loads.




Similar Part No. - F11307

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
F11307 UNITEDAUTOMATION-F11307 Datasheet
645Kb / 2P
EVR-1kW | EVR-4kW | EVR-6kW Phase-Angle Power Controller
9 December 2025
F11307 UNITEDAUTOMATION-F11307 Datasheet
647Kb / 2P
EVR-1kW | EVR-4kW | EVR-6kW Phase-Angle Power Controller
22 April 2026
More results


Similar Description - F11307

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ATS480C11Y SCHNEIDER-ATS480C11Y Datasheet
403Kb / 9P
Altivar Soft Starter ATS480, 110 A, 208...690V AC, control supply 110...230V AC
Apr 24, 2022
ATS480C14Y SCHNEIDER-ATS480C14Y Datasheet
398Kb / 9P
Altivar Soft Starter ATS480, 140 A, 208...690V AC, control supply 110...230V AC
May 1, 2022
ATS480D17Y SCHNEIDER-ATS480D17Y Datasheet
403Kb / 9P
Altivar Soft Starter ATS480, 17 A, 208...690V AC, control supply 110...230V AC
Apr 24, 2022
ATS480D22Y SCHNEIDER-ATS480D22Y Datasheet
404Kb / 9P
Altivar Soft Starter ATS480, 22 A, 208...690V AC, control supply 110...230V AC
Apr 30, 2022
ATS480D32Y SCHNEIDER-ATS480D32Y Datasheet
403Kb / 9P
Altivar Soft Starter ATS480, 32 A, 208...690V AC, control supply 110...230V AC
Apr 24, 2022
ATS480D38Y SCHNEIDER-ATS480D38Y Datasheet
403Kb / 9P
Altivar Soft Starter ATS480, 38 A, 208...690V AC, control supply 110...230V AC
Apr 24, 2022
ATS480D47Y SCHNEIDER-ATS480D47Y Datasheet
403Kb / 9P
Altivar Soft Starter ATS480, 47 A, 208...690V AC, control supply 110...230V AC
Apr 24, 2022
ATS480D62Y SCHNEIDER-ATS480D62Y Datasheet
403Kb / 9P
Altivar Soft Starter ATS480, 62 A, 208...690V AC, control supply 110...230V AC
Apr 25, 2022
ATS480D75Y SCHNEIDER-ATS480D75Y Datasheet
404Kb / 9P
Altivar Soft Starter ATS480, 75 A, 208...690V AC, control supply 110...230V AC
May 2, 2022
ATS480D88Y SCHNEIDER-ATS480D88Y Datasheet
403Kb / 9P
Altivar Soft Starter ATS480, 88 A, 208...690V AC, control supply 110...230V AC
Apr 25, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com