Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved

X10213 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X10213
Download  X10213 Download
File Size   518.49 Kbytes
Page   3 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 110 / 230V AC Burst Fired AC Energy Regulator

X10213 Datasheet (PDF)

Go To PDF Page Download Datasheet
X10213 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X10213
Download  X10213 Click to download

File Size   518.49 Kbytes
Page   3 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 110 / 230V AC Burst Fired AC Energy Regulator

X10213 Datasheet (HTML) - United Automation Ltd. All rights reserved


X10213 Product details

KEY FEATURES:
 Wide Input Voltage Range: Compatible with 110V to 230V AC, accommodating various applications.
 Load Rating: Supports resistive loads from 0.1 to 3.7kW at 230V and 0.1 to 1.8kW at 110V AC.
 High Surge Capacity: A 25A power device is equipped to handle high surge currents.
 Zero Voltage Switching: Eliminates the need for remote filters, enhancing reliability and reducing RFI.
 Durable Connections: Features wire protective screw fixing terminal block connections for secure and reliable installation.
 Adjustable Duty Cycle: Variable duty cycle range of 1-30 seconds, adjustable via a trimmer at the rear of the unit.
APPLICATIONS:
Ideal for a diverse range of applications, including:
 Ovens
 Fish & Chips Fryers
 Restaurants
 Hospitality Equipment
 Quartz Lamps / Heat Lamps
 Moulding Machines
 Dryers
 Inductive Loads such as Transformers and Motors




Similar Part No. - X10213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10213 ETC2-X10213 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10213

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ATS480C11Y SCHNEIDER-ATS480C11Y Datasheet
403Kb / 9P
Altivar Soft Starter ATS480, 110 A, 208...690V AC, control supply 110...230V AC
Apr 24, 2022
ATS480C14Y SCHNEIDER-ATS480C14Y Datasheet
398Kb / 9P
Altivar Soft Starter ATS480, 140 A, 208...690V AC, control supply 110...230V AC
May 1, 2022
ATS480D17Y SCHNEIDER-ATS480D17Y Datasheet
403Kb / 9P
Altivar Soft Starter ATS480, 17 A, 208...690V AC, control supply 110...230V AC
Apr 24, 2022
ATS480D22Y SCHNEIDER-ATS480D22Y Datasheet
404Kb / 9P
Altivar Soft Starter ATS480, 22 A, 208...690V AC, control supply 110...230V AC
Apr 30, 2022
ATS480D32Y SCHNEIDER-ATS480D32Y Datasheet
403Kb / 9P
Altivar Soft Starter ATS480, 32 A, 208...690V AC, control supply 110...230V AC
Apr 24, 2022
ATS480D38Y SCHNEIDER-ATS480D38Y Datasheet
403Kb / 9P
Altivar Soft Starter ATS480, 38 A, 208...690V AC, control supply 110...230V AC
Apr 24, 2022
ATS480D47Y SCHNEIDER-ATS480D47Y Datasheet
403Kb / 9P
Altivar Soft Starter ATS480, 47 A, 208...690V AC, control supply 110...230V AC
Apr 24, 2022
ATS480D62Y SCHNEIDER-ATS480D62Y Datasheet
403Kb / 9P
Altivar Soft Starter ATS480, 62 A, 208...690V AC, control supply 110...230V AC
Apr 25, 2022
ATS480D75Y SCHNEIDER-ATS480D75Y Datasheet
404Kb / 9P
Altivar Soft Starter ATS480, 75 A, 208...690V AC, control supply 110...230V AC
May 2, 2022
ATS480D88Y SCHNEIDER-ATS480D88Y Datasheet
403Kb / 9P
Altivar Soft Starter ATS480, 88 A, 208...690V AC, control supply 110...230V AC
Apr 25, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com