Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved

X10213 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X10213
Download  X10213 Download
File Size   417.91 Kbytes
Page   3 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description From 25V to 230V Universal Phase Angle Controller

X10213 Datasheet (PDF)

Go To PDF Page Download Datasheet
X10213 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X10213
Download  X10213 Click to download

File Size   417.91 Kbytes
Page   3 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description From 25V to 230V Universal Phase Angle Controller

X10213 Datasheet (HTML) - United Automation Ltd. All rights reserved


X10213 Product details

KEY FEATURES:
 Integral 26A Triac: Provides reliable and efficient power control with a robust 26A current rating.
 Variable Phase Angle Control: Enables precise adjustment of power delivery to the load through a wide range of control signal inputs, either voltage or current.
 Selectable Soft-Start: Includes a soft-start delay function to protect sensitive loads and ensure smooth operation.
 Status LED Indicator
 Low Power Consumption: Consumes less than 2 watts, making it an energy-efficient solution.
 Wide Operational Voltage Range: Supports AC line voltages from 25V to 230V at 50/60 Hz.
APPLICATIONS:
Ideal for a wide range of industrial and commercial applications, including:
• Industrial Ovens
• Restaurant and Hospitality
• Quartz and Heat Lamps
• Moulders and Dryers
• Inductive Loads




Similar Part No. - X10213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10213 ETC2-X10213 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10213

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SO445020 CELDUC-SO445020 Datasheet
962Kb / 5P
Phase angle controller
SO445120 CELDUC-SO445120 Datasheet
962Kb / 5P
Phase angle controller
SO445420 CELDUC-SO445420 Datasheet
917Kb / 5P
Phase angle controller
SO465320 CELDUC-SO465320 Datasheet
968Kb / 5P
Phase angle controller
SO465420 CELDUC-SO465420 Datasheet
919Kb / 5P
Phase angle controller
SO467420 CELDUC-SO467420 Datasheet
919Kb / 5P
Phase angle controller
SO468020 CELDUC-SO468020 Datasheet
962Kb / 5P
Phase angle controller
SO468120 CELDUC-SO468120 Datasheet
962Kb / 5P
Phase angle controller
SO468420 CELDUC-SO468420 Datasheet
919Kb / 5P
Phase angle controller
SO469120 CELDUC-SO469120 Datasheet
963Kb / 5P
Phase angle controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com