Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved

X10213 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X10213
Download  X10213 Download
File Size   583.37 Kbytes
Page   3 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description Up to 25A Burst Fire Firing Trigger Module

X10213 Datasheet (PDF)

Go To PDF Page Download Datasheet
X10213 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X10213
Download  X10213 Click to download

File Size   583.37 Kbytes
Page   3 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description Up to 25A Burst Fire Firing Trigger Module

X10213 Datasheet (HTML) - United Automation Ltd. All rights reserved


X10213 Product details

KEY FEATURES:
 Integrated 25A Triac: Reduces wiring complexity and enhances reliability.
 Universal Signal Matching: Compatible with a wide range of voltage or mA control signals.
 Status LED: Provides clear output level indication for easy monitoring.
 No External Filtering Needed: Simplifies installation and setup.
 Energy Efficient: Consumes less than 2W of power.
 Adjustable Soft Start: Provides smooth power ramp-up, protecting the load from sudden surges.
APPLICATIONS:
The FC11BL/2 is perfect for controlling heating elements and other loads in environments such as:
 Ovens and Industrial Heaters
 Fish & Chips Shops and Restaurants
 Hospitality Settings
 Quartz Lamps and Heat Lamps
 Moulders and Dryers
 Inductive Loads like Transformers and Motors




Similar Part No. - X10213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10213 ETC2-X10213 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10213

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
Power Mate Technology C...
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
OUTPUT CURRENT UP TO 25A
logo
Crydom Inc.,
MCBC1225 CRYDOM-MCBC1225 Datasheet
941Kb / 6P
Microprocessor based burst-fire controller / SSR
logo
Lineage Power Corporati...
JQW013A0AZ LINEAGEPOWER-JQW013A0AZ Datasheet
287Kb / 15P
36 to 75 Vdc Input; Single Output up to 25A
logo
Delta Electronics, Inc.
THNR1115 DELTA-THNR1115 Datasheet
247Kb / 1P
High current ( Isat up to 25A ), though hole type
logo
Mallory performance clu...
PN5596 MALLORY-PN5596 Datasheet
222Kb / 2P
Street Fire HEI Module
logo
Carlo Gavazzi Holding A...
SBB4I2O230T6 CARLOGAVAZZI-SBB4I2O230T6 Datasheet
621Kb / 7P
Fire damper I/O module
SBB4I2O230 CARLOGAVAZZI-SBB4I2O230 Datasheet
512Kb / 8P
Fire damper I/O Module
logo
MacMic
MMG25HD120XB6TC MACMIC-MMG25HD120XB6TC Datasheet
455Kb / 9P
1200V 25A PIM Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com