Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A72210 Datasheet (PDF) - United Automation Ltd. All rights reserved

A72210 Datasheet PDF - United Automation Ltd. All rights reserved
Part # A72210
Download  A72210 Download
File Size   1053.74 Kbytes
Page   3 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 25A, 230V Phase Angle Power Control Module

A72210 Datasheet (PDF)

Go To PDF Page Download Datasheet
A72210 Datasheet PDF - United Automation Ltd. All rights reserved

Part # A72210
Download  A72210 Click to download

File Size   1053.74 Kbytes
Page   3 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 25A, 230V Phase Angle Power Control Module

A72210 Datasheet (HTML) - United Automation Ltd. All rights reserved


A72210 Product details

KEY FEATURES:
 Solid-state reliability for long-lasting performance
 Surface-mount technology for compact design
 Wide supply range: 50 - 250V AC
 Rugged and compact construction
 25A current capability with additional heatsink
 Internal snubber to eliminate nuisance switching
APPLICATIONS:
Ideal for a diverse range of applications, including:
 Ovens
 Commercial kitchens (e.g., Fish & Chips, Restaurants, Hospitality)
 Quartz and Heat Lamps
 Moulders
 Dryers
 Inductive loads, such as transformers and motors




Similar Part No. - A72210

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A7222 AITSEMI-A7222 Datasheet
1Mb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 18V, 2A SYNCHRONOUS
REV1.1
logo
United Automation Ltd. ...
A72225 UNITEDAUTOMATION-A72225 Datasheet
475Kb / 2P
15A, 1.6kW 110V, 4kW 230V Fan control enclosed
19 November 2025
A72226 UNITEDAUTOMATION-A72226 Datasheet
479Kb / 3P
15A, 1.6kW-4kW, 110V - 230V Single Phase Switched Fan Controller
1 July 2025
logo
AiT Semiconductor Inc.
A7222A AITSEMI-A7222A Datasheet
1Mb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 16V, 2A SYNCHRONOUS
REV1.0
A7222AE6R AITSEMI-A7222AE6R Datasheet
1Mb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 16V, 2A SYNCHRONOUS
REV1.0
More results


Similar Description - A72210

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
25NT NAINA-25NT Datasheet
102Kb / 2P
Phase Control Thyristors, 25A
25NT NAINA-25NT_17 Datasheet
149Kb / 2P
Phase Control Thyristors (Stud Type), 25A
logo
Power Semiconductors
ADT200HVI POSEICO-ADT200HVI Datasheet
166Kb / 4P
PHASE CONTROL MODULE
ADT250HVI POSEICO-ADT250HVI Datasheet
165Kb / 4P
PHASE CONTROL MODULE
ADT571 POSEICO-ADT571 Datasheet
165Kb / 4P
PHASE CONTROL MODULE
ATD200HVI POSEICO-ATD200HVI Datasheet
165Kb / 4P
PHASE CONTROL MODULE
ATT405 POSEICO-ATT405 Datasheet
195Kb / 4P
PHASE CONTROL MODULE
ATT501 POSEICO-ATT501 Datasheet
176Kb / 4P
PHASE CONTROL MODULE
ATT605 POSEICO-ATT605 Datasheet
196Kb / 4P
PHASE CONTROL MODULE
ATT621 POSEICO-ATT621 Datasheet
175Kb / 4P
PHASE CONTROL MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com