Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved

X10213 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X10213
Download  X10213 Download
File Size   404.85 Kbytes
Page   4 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 12kW, 18kW, 415V DIN Rail Mounting HVAC Range Three Phase Burst Fire AC Power Controllers

X10213 Datasheet (PDF)

Go To PDF Page Download Datasheet
X10213 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X10213
Download  X10213 Click to download

File Size   404.85 Kbytes
Page   4 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 12kW, 18kW, 415V DIN Rail Mounting HVAC Range Three Phase Burst Fire AC Power Controllers

X10213 Datasheet (HTML) - United Automation Ltd. All rights reserved


X10213 Product details

KEY FEATURES:
 Seamless Three-Phase Control: Efficiently manages three-phase electric heating loads.
 Zero Voltage Switching: Minimises RFI issues for a smoother operation.
 Two-Thirds Control Technique: Available in 12kW and 18kW models for 415V AC supply.
 DIN Rail Mounting: Easy installation on TS35 section DIN rail.
 Temperature Trip with Automatic Reset: Ensures safety with over-temperature protection.
 Alarm Output: Provides 24V AC or DC alarm output, indicating over-temperature or power supply failure.
 LED Indicators: Displays 'OUTPUT-ON' status for easy monitoring.
 No Additional Heatsink Required: Simplifies installation and reduces additional component costs.
APPLICATIONS:
The PR3-E Series is ideal for controlling electric heating coils, heating cables, and electric furnaces.
Its robust design ensures reliable performance in various industrial heating applications.




Similar Part No. - X10213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10213 ETC2-X10213 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10213

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DRT-240 ASTRODYNE-DRT-240 Datasheet
352Kb / 2P
240W Three Phase Industrial DIN RAIL Power Supply
DRT-480 ASTRODYNE-DRT-480 Datasheet
346Kb / 2P
480W Three Phase Industrial DIN RAIL Power Supply
logo
CUI INC
VDRT-960-24 CUI-VDRT-960-24 Datasheet
317Kb / 2P
Three Phase Industrial DIN Rail Power Supply
VDRT-960-48 CUI-VDRT-960-48 Datasheet
317Kb / 2P
Three Phase Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DRT-240 MEANWELL-DRT-240 Datasheet
148Kb / 2P
240W Three Phase Industrial DIN RAIL Power Supply
DRT-480 MEANWELL-DRT-480 Datasheet
284Kb / 2P
480W Three Phase Industrial DIN RAIL Power Supply
logo
Altech corporation
PST480 ALTECH-PST480_1 Datasheet
115Kb / 2P
480W Three-Phase Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DRT-240 MEANWELL-DRT-240_11 Datasheet
314Kb / 2P
240W Three Phase Industrial DIN RAIL Power Supply
logo
Schurter Inc.
FMABRAIL SCHURTER-FMABRAIL Datasheet
321Kb / 4P
AC Filter, DIN Rail Mounting
FMABRAIL SCHURTER-FMABRAIL_01 Datasheet
332Kb / 4P
AC Filter, DIN Rail Mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com