Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A26231 Datasheet (PDF) - United Automation Ltd. All rights reserved

A26231 Datasheet PDF - United Automation Ltd. All rights reserved
Part # A26231
Download  A26231 Download
File Size   683.96 Kbytes
Page   2 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 16A, 110V / 230V Burst Fired Flicker Inhibited

A26231 Datasheet (PDF)

Go To PDF Page Download Datasheet
A26231 Datasheet PDF - United Automation Ltd. All rights reserved

Part # A26231
Download  A26231 Click to download

File Size   683.96 Kbytes
Page   2 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 16A, 110V / 230V Burst Fired Flicker Inhibited

A26231 Datasheet (HTML) - United Automation Ltd. All rights reserved


A26231 Product details

KEY FEATURES:
 Microprocessor-Based Control – Ensures precision sensing and stable performance.
 Flicker Inhibited – Reduces mains flicker and improves power quality.
 Simple Installation – Compact design allows for easy mounting with or without heatsink.
 Dual Voltage & Temperature Ranges – Available in 110V AC and 230V AC versions with control ranges of 0–40°C or 0–150°C.
 High Reliability – Discrete component design provides durability and long service life.
 Supplied with Control Knob & Dial – Linear adhesive-backed scale for user-friendly operation.
APPLICATIONS:
The ZVT-16-IF is suitable for a wide range of single-phase resistive heating applications, including: Ovens, Dryers, Hot plates, Flexible heater mats and General temperature control of single-phase resistive heaters.




Similar Part No. - A26231

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
A26231 UNITEDAUTOMATION-A26231 Datasheet
420Kb / 3P
Up to 65ºC Thermistor – High-Precision Temperature Control
1 July 2025
More results


Similar Description - A26231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZAX27A ETC2-ZAX27A Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
PLED60W-012 ETC2-PLED60W-012 Datasheet
770Kb / 4P
Flicker-Free LED Dr
PLED96W-274-C0350-XX ETC2-PLED96W-274-C0350-XX Datasheet
786Kb / 4P
Flicker-Free LED Drivers
PLED120W-343-C0350-XX ETC2-PLED120W-343-C0350-XX Datasheet
782Kb / 4P
Flicker-Free LED Drivers
PLEDDC120W-343-C0350-XX ETC2-PLEDDC120W-343-C0350-XX Datasheet
779Kb / 4P
Flicker-Free LED Drivers
logo
GOOD-ARK Electronics
SSF1116A GOOD-ARK-SSF1116A_15 Datasheet
1Mb / 5P
110V N-Channel MOSFET
SSF1109 GOOD-ARK-SSF1109_15 Datasheet
1Mb / 7P
110V Channel MOSFET
SSF1109 GOOD-ARK-SSF1109 Datasheet
1Mb / 7P
110V Channel MOSFET
logo
Schneider Electric
AP7821B SCHNEIDER-AP7821B Datasheet
69Kb / 2P
Rack PDU, Metered, 1U, 16A, 208/230V, (8) C13
Oct 8, 2020
AP7921B SCHNEIDER-AP7921B Datasheet
72Kb / 2P
Rack PDU, Switched, 1U, 16A, 208/230V, (8)C13
Jun 14, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com