Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved

X10213 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X10213
Download  X10213 Download
File Size   441.49 Kbytes
Page   2 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 110V, 230V, 400V High Power Three Phase Thyristor Driver

X10213 Datasheet (PDF)

Go To PDF Page Download Datasheet
X10213 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X10213
Download  X10213 Click to download

File Size   441.49 Kbytes
Page   2 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 110V, 230V, 400V High Power Three Phase Thyristor Driver

X10213 Datasheet (HTML) - United Automation Ltd. All rights reserved


X10213 Product details

KEY FEATURES:
 Auto Phase Rotation Correction & Phase-Loss Detection.
 Switch-Selectable Phasing Reversal.
 Versatile Control Modes: Phase-Angle, Burst-Fire, Combination
 Opto-Isolated Analogue/Digital Input Options.
 Load Type Selection Switch: Tailors performance for resistive or inductive loads.
 LED Status Indicators: Provides real-time operational feedback.
 Current Limit & Over-Current Protection.
 Adjustable Ramp Control: Smooth startup with
0-30 seconds delay.
APPLICATIONS:
Universally compatible with AC, DC, resistive, or inductive loads via thyristor pairs in three-phase assemblies. Its SCR power handling capabilities provide smooth, proportional control across various industrial processes, including furnaces, electroplating, controlled rectifiers, and transformer management.




Similar Part No. - X10213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10213 ETC2-X10213 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10213

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DFA75BA80 SANREX-DFA75BA80 Datasheet
118Kb / 3P
THREE PHASE DIODE THYRISTOR
logo
Semikron International
SKHIT01 SEMIKRON-SKHIT01 Datasheet
98Kb / 4P
Thyristor driver for three phase half controlled bridge
SKHIT01 SEMIKRON-SKHIT01_07 Datasheet
44Kb / 1P
Thyristor driver for three phase half controlled bridge
logo
Jiangsu APT Semiconduct...
MT75DT18L1 APTSEMI-MT75DT18L1 Datasheet
278Kb / 5P
Three Phase Bridge Thyristor
MT100DT18L1 APTSEMI-MT100DT18L1 Datasheet
278Kb / 5P
Three Phase Bridge Thyristor
MT150DT18L2 APTSEMI-MT150DT18L2 Datasheet
274Kb / 5P
Three Phase Bridge Thyristor
MT200DT18L2 APTSEMI-MT200DT18L2 Datasheet
274Kb / 5P
Three Phase Bridge Thyristor
logo
List of Unclassifed Man...
MSDT100 ETC2-MSDT100 Datasheet
304Kb / 5P
Three Phase Bridge Thyristor
MSDT200 ETC2-MSDT200 Datasheet
301Kb / 5P
Three Phase Bridge Thyristor
logo
Nell Semiconductor Co.,...
MTPT75 NELLSEMI-MTPT75_17 Datasheet
698Kb / 5P
Three-Phase Bridge Thyristor,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com