Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved

X10213 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X10213
Download  X10213 Download
File Size   346.96 Kbytes
Page   2 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description Phase Angle Triac Firing Circuit

X10213 Datasheet (PDF)

Go To PDF Page Download Datasheet
X10213 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X10213
Download  X10213 Click to download

File Size   346.96 Kbytes
Page   2 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description Phase Angle Triac Firing Circuit

X10213 Datasheet (HTML) - United Automation Ltd. All rights reserved


X10213 Product details

KEY FEATURES:
 Compact Thick Film Technology: Utilises advanced thick film technology for a compact and efficient design, ensuring reliable performance in demanding environments.
 Simple Triggering Device: Offers a straightforward triggering mechanism, simplifying operation and enhancing usability for seamless integration into diverse applications.
APPLICATIONS:
 Ovens
 Electric Furnaces
 Heating Tapes
 Smelters
 Quartz Lamps / Heat Lamps
 Moulders
 Dryers
 Stress Relieving
 Space Heating
 Heating Mantles




Similar Part No. - X10213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10213 ETC2-X10213 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10213

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TDA1185A MOTOROLA-TDA1185A Datasheet
515Kb / 9P
Triac Phase Angle Controller
logo
List of Unclassifed Man...
FC36M ETC-FC36M Datasheet
1Mb / 6P
THREE PHASE FIRING BOARD MODEL-FC36M
logo
Integral Corp.
ILA1185A INTEGRAL-ILA1185A Datasheet
141Kb / 3P
TRIAC PHASE ANGLE CONTROLLER
logo
Solid State Optronic
TD3022 SSOUSA-TD3022 Datasheet
263Kb / 4P
Random-Phase Triac Driver
TDM3023 SSOUSA-TDM3023 Datasheet
221Kb / 4P
Random-Phase Triac Driver
logo
IK Semicon Co., Ltd
ILA1185A IKSEMICON-ILA1185A Datasheet
187Kb / 4P
TRIAC PHASE ANGLE CONTROLLER
ILA1185A IKSEMICON-ILA1185A_11 Datasheet
125Kb / 4P
TRIAC PHASE ANGLE CONTROLLER
logo
List of Unclassifed Man...
Q301X ETC2-Q301X Datasheet
890Kb / 14P
RANDOM-PHASE TRIAC OPTOCOUPLER
Q301X ETC1-Q301X Datasheet
890Kb / 14P
RANDOM-PHASE TRIAC OPTOCOUPLER
logo
Guangdong Youtai Semico...
MOC3022SM UMW-MOC3022SM Datasheet
1Mb / 6P
Random Phase Triac Driven Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com