Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG1526 Datasheet (PDF) - Microsemi Corporation

SG1526 Datasheet PDF - Microsemi Corporation
Part # SG1526
Download  SG1526 Download
File Size   1266.54 Kbytes
Page   12 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description REGULATING PULSE WIDTH MODULATOR

SG1526 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG1526 Datasheet PDF - Microsemi Corporation

Part # SG1526
Download  SG1526 Click to download

File Size   1266.54 Kbytes
Page   12 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description REGULATING PULSE WIDTH MODULATOR

SG1526 Datasheet (HTML) - Microsemi Corporation


SG1526 Product details

DESCRIPTION
The SG1526 is a high-performance monolithic pulse width
modulator circuit designed for fixed-frequency switching
regulators and other power control applications. Included
in an 18-pin dual-in-line package are a temperature
compensated voltage reference, sawtooth oscillator, error
amplifier, pulse width modulator, pulse metering and
steering logic, and two low impedance power drivers. Also
included are protective features such as soft-start and
undervoltage lockout, digital current limiting, double pulse
inhibit, a data latch for single pulse metering, adjustable
deadtime, and provision for symmetry correction inputs.
For ease of interface, all digital control ports are TTL and
B-series CMOS compatible. Active LOW logic design
allows wired-OR connections for maximum flexibility. This
versatile device can be used to implement single-ended or
push-pull switching regulators of either polarity, both
transformerless and transformer coupled. The SG1526 is
characterized for operation over the full military ambient
junction temperature range of -55°C to +150°C. The
SG2526 is characterized for operation from -25°C to
+150°C, and the SG3526 is characterized for operation
from 0°C to +125°C.

FEATURES
8V to 35V Operation
5V Reference Trimmed to ±1%
1Hz to 350kHz Oscillator Range
Dual 100mA Source/Sink Outputs
Digital Current Limiting
Double Pulse Suppression
Programmable Deadtime
Undervoltage Lockout
Single Pulse Metering
Programmable Soft-start
Wide Current Limit Common Mode
Range TTL/CMOS Compatible Logic
Ports Symmetry Correction Capability
Guaranteed 6 Unit Synchronization

HIGH RELIABILITY FEATURES
Available to MIL-STD-883, ¶ 1.2.1
Available to DSCC - Standard Microcircuit
Drawing (SMD)
Radiation data available
MSC-AMS level "S" processing available




Similar Part No. - SG1526

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1526 MICROSEMI-SG1526 Datasheet
182Kb / 9P
REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526 Datasheet
283Kb / 9P
REGULATING PULSE WIDTH MODULATOR
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
REGULATING PULSE WIDTH MODULATOR
SG1526B MICROSEMI-SG1526B Datasheet
309Kb / 9P
REGULATING PULSE WIDTH MODULATOR
SG1526BJ MICROSEMI-SG1526BJ Datasheet
209Kb / 9P
REGULATING PULSE WIDTH MODULATOR
More results


Similar Description - SG1526

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
Regulating Pulse Width Modulator
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
Regulating Pulse Width Modulator?
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
REGULATING PULSE WIDTH MODULATOR
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
Regulating Pulse Width Modulator
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com